Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 69Page - Texas Instruments TAS5508 Datasheet HTML 70Page - Texas Instruments TAS5508 Datasheet HTML 71Page - Texas Instruments TAS5508 Datasheet HTML 72Page - Texas Instruments TAS5508 Datasheet HTML 73Page - Texas Instruments TAS5508 Datasheet HTML 74Page - Texas Instruments TAS5508 Datasheet HTML 75Page - Texas Instruments TAS5508 Datasheet HTML 76Page - Texas Instruments TAS5508 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
Serial Control Interface Register Definitions
65
SLES112 — June 2004
TAS5028
Table 6 - 21. Output Mixer Control (Middle 4 Bytes)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
Select channel 1 to output mixer
0
0
0
1
Select channel 2 to output mixer
0
0
1
0
Select channel 3 to output mixer
0
0
1
1
Select channel 4 to output mixer
0
1
0
0
Select channel 5 to output mixer
0
1
0
1
Select channel 6 to output mixer
0
1
1
0
Select channel 7 to output mixer
0
1
1
1
Select channel 8 to output mixer
G27
G26
G25
G24
Selected channel gain (upper 4 bits)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
G23
G22
G21
G20
G19
G18
G17
G16
Selected channel gain (continued)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
G15
G14
G13
G12
G11
G10
G9
G8
Selected channel gain (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
G7
G6
G5
G4
G3
G2
G1
G0
Selected channel gain (lower 8 bits)
Table 6 - 22. Output Mixer Control (Lower 4 Bytes)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
Select channel 1 to output mixer
0
0
0
1
Select channel 2 to output mixer
0
0
1
0
Select channel 3 to output mixer
0
0
1
1
Select channel 4 to output mixer
0
1
0
0
Select channel 5 to output mixer
0
1
0
1
Select channel 6 to output mixer
0
1
1
0
Select channel 7 to output mixer
0
1
1
1
Select channel 8 to output mixer
G27
G26
G25
G24
Selected channel gain (upper 4 bits)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
G23
G22
G21
G20
G19
G18
G17
G16
Selected channel gain (continued)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
G15
G14
G13
G12
G11
G10
G9
G8
Selected channel gain (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
G7
G6
G5
G4
G3
G2
G1
G0
Selected channel gain (lower 8 bits)
6.19 Volume Treble and Bass Slew Rates (0xD0)
Table 6 - 23. Volume Gain Update Rate (Slew Rate)
D31 - D10
D9
D8
FUNCTION
0
0
0
512 step update at 4 Fs, 42.6 ms at 48 kHz
0
0
1
1024 step update at 4 Fs, 85.3 ms at 48 kHz
0
1
0
2048 step update at 4 Fs, 170 ms at 48 kHz
0
1
1
2048 step update at 4 Fs, 170 ms at 48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com