Electronic Components Datasheet Search
  English  ▼

X  

RT5753C Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT5753C
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753C Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT5753C Datasheet HTML 1Page - Richtek Technology Corporation RT5753C Datasheet HTML 2Page - Richtek Technology Corporation RT5753C Datasheet HTML 3Page - Richtek Technology Corporation RT5753C Datasheet HTML 4Page - Richtek Technology Corporation RT5753C Datasheet HTML 5Page - Richtek Technology Corporation RT5753C Datasheet HTML 6Page - Richtek Technology Corporation RT5753C Datasheet HTML 7Page - Richtek Technology Corporation RT5753C Datasheet HTML 8Page - Richtek Technology Corporation RT5753C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
RT5753A/B/C/D
4
DS5753A/B/C/D-03 May 2022
www.richtek.com
©
Copyright 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
FB
Output voltage sense. Sense the output voltage at the FB pin through a
resistive divider. The feedback reference voltage is 0.6V typically.
2
PG
Open-drain power-good indicator output. Once being started-up, PG will be
pulled low to ground if any internal protection is triggered.
3
VIN
Power input. The input voltage range is from 2.5V to 6V. Connect a suitable
input capacitor between this pin and PGND pins, usually one 22
F or higher
than 22
F ceramic capacitors is recommended.
4, 9
(Exposed Pad)
PGND
Power ground. The exposed pad is internally unconnected which must be
soldered to a large PCB cooper area and connected to PGND for maximum
power dissipation.
5
NC
No internal connection. Keep this pin floating.
6
SW
Switch node between the internal switch and the synchronous rectifier.
Connect this pin to the inductor.
7
EN
Enable control input. Connect this pin to logic high enables the device and
connect this pin to ground disables the device.
8
AGND
Analog ground.
PG
VIN
PGND
EN
+
-
VREF
Shutdown
Control
SW
FB
Driver
TON
Logic
Control
SW
Current
Limit
Detector
Comparator
+
-
+
Error Amplifier
UVLO
OTP
SW
VFB
Ramp
Generator
UV
FB
VIN
90%VREF
SW
Discharge
Resistor
*OVP
AGND
*OVP : OVP is designed for RT5753AL/BL/CL/DL
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com