Electronic Components Datasheet Search
  English  ▼

X  

RT5753C Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT5753C
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753C Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT5753C Datasheet HTML 20Page - Richtek Technology Corporation RT5753C Datasheet HTML 21Page - Richtek Technology Corporation RT5753C Datasheet HTML 22Page - Richtek Technology Corporation RT5753C Datasheet HTML 23Page - Richtek Technology Corporation RT5753C Datasheet HTML 24Page - Richtek Technology Corporation RT5753C Datasheet HTML 25Page - Richtek Technology Corporation RT5753C Datasheet HTML 26Page - Richtek Technology Corporation RT5753C Datasheet HTML 27Page - Richtek Technology Corporation RT5753C Datasheet HTML 28Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
RT5753A/B/C/D
28
DS5753A/B/C/D-03 May 2022
www.richtek.com
Richtek Technology Corporation
14F, No. 8, Tai Yuen 1st Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789
Richtek products are sold by description only. Richtek reserves the right to change the circuitry and/or specifications without notice at any time. Customers should
obtain the latest relevant information and data sheets before placing orders and should verify that such information is current and complete. Richtek cannot
assume responsibility for use of any circuitry other than circuitry entirely embodied in a Richtek product. Information furnished by Richtek is believed to be
accurate and reliable. However, no responsibility is assumed by Richtek or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Richtek or its subsidiaries.
Footprint Information
PABC
D
Sx
Sy
M
V/W/U/XDFN2*2-8
8
0.50
2.80
1.20
0.80
0.30
1.30
0.70
1.80
±0.05
Package
Tolerance
Footprint Dimension (mm)
Number of
Pin
PABC
D
Sx
Sy
M
Option1
1.30
0.90
Option2
1.60
0.90
0.75
0.30
1.80
±0.05
V/W/U/XDFN2*2-8S
Package
8
Tolerance
Footprint Dimension (mm)
Number of
Pin
0.50
2.80
1.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com