Electronic Components Datasheet Search
  English  ▼

X  

RT5753C Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT5753C
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753C Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT5753C Datasheet HTML 1Page - Richtek Technology Corporation RT5753C Datasheet HTML 2Page - Richtek Technology Corporation RT5753C Datasheet HTML 3Page - Richtek Technology Corporation RT5753C Datasheet HTML 4Page - Richtek Technology Corporation RT5753C Datasheet HTML 5Page - Richtek Technology Corporation RT5753C Datasheet HTML 6Page - Richtek Technology Corporation RT5753C Datasheet HTML 7Page - Richtek Technology Corporation RT5753C Datasheet HTML 8Page - Richtek Technology Corporation RT5753C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
RT5753A/B/C/D
5
DS5753A/B/C/D-03 May 2022
www.richtek.com
©
Copyright 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT5753A/B/C/D is a high-efficiency, synchronous
step-down DC-DC converter that delivers up to 3A output
current from a 2.5V to 6V input supply.
Advanced Constant On-Time Control and PWM
Operation
The RT5753A/B/C/D adopts ACOT®control for its ultrafast
transient response, low external component counts and
stable with low ESR MLCC output capacitors. When the
feedback voltage falls below the feedback reference
voltage, the minimum off-time one-shot (90ns, typ.) has
timed out and the inductor current is below the current
limit threshold, then the internal on-time one-shot circuitry
is triggered and the high-side switch is turned on. Since
the minimum off-time is short, the device exhibits ultrafast
transient response and enables the use of smaller output
capacitance.
The on-time is inversely proportional to input voltage and
directly proportional to output voltage to achieve pseudo-
fixed frequency over the input voltage range. After the on-
time one-shot timer is expired, the high-side switch is
turned off and the low-side switch is turned on until the
on-time one-shot is triggered again. In the steady state,
the error amplifier compares the feedback voltage VFB and
an internal reference voltage. If the virtual inductor current
ramp voltage is lower than the output of the error amplifier,
a new pre-determined fixed on-time will be triggered by
the on-time one-shot generator.
Power Saving Mode
The RT5753A/C automatically enters power saving mode
(PSM) at light load to maintain high efficiency. As the
load current decreases and eventually the inductor current
ripple valley touches the zero current, which is the
boundary between continuous conduction and
discontinuous conduction modes. The low-side switch is
turned off when the zero inductor current is detected. As
the load current is further decreased, it takes longer time
to discharge the output capacitor to the level that requires
the next on-time. The switching frequency decreases and
is proportional to the load current to maintain high
efficiency at light load.
Enable Control
The RT5753A/B/C/D provides an EN pin, as an external
chip enable control, to enable or disable the device. If VEN
is held below a logic-low threshold voltage (VEN_L) of the
enable input (EN), the converter will disable output voltage,
that is, the converter is disabled and switching is inhibited
even if the VIN voltage is above VIN under-voltage lockout
threshold (VUVLO). During shutdown mode, the supply
current can be reduced to ISHDN (15
μA or below). If the EN
voltage rises above the logic-high threshold voltage (VEN_H)
while the VIN voltage is higher than UVLO threshold, the
device will be turned on, that is, switching being enabled
and soft-start sequence being initiated.
Soft-Start (SS)
The RT5753A/B/C/D provides an internal soft-start feature
for inrush control. At power up, the internal capacitor is
charged by an internal current source to generate a soft-
start ramp voltage as a reference voltage to the PWM
comparator. The device will initiate switching and the
output voltage will smoothly ramp up to its targeted
regulation voltage only after this ramp voltage is greater
than the feedback voltage VFB to ensure the converters
have a smooth start-up from pre-biased output. The output
voltage starts to rise in 220
μs/130μs (Typ.) from EN rising,
and the soft-start ramp-up time (0%VOUT to 95%VOUT) is
1.5ms/750
μs (Typ.).
Figure 1. Start-Up Sequence
 
VOUT
EN
VIN
RT5753A/B: 1.5ms
RT5753C/D: 750µs
0%VOUT
95%VOUT
RT5753A/B: 220µs
RT5753C/D: 130µs
PG
RT5753A/B: 2.5ms
RT5753C/D: 1.35ms
SS
(Internal)
SS END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com