Electronic Components Datasheet Search
  English  ▼

X  

RT5753C Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT5753C
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753C Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT5753C Datasheet HTML 3Page - Richtek Technology Corporation RT5753C Datasheet HTML 4Page - Richtek Technology Corporation RT5753C Datasheet HTML 5Page - Richtek Technology Corporation RT5753C Datasheet HTML 6Page - Richtek Technology Corporation RT5753C Datasheet HTML 7Page - Richtek Technology Corporation RT5753C Datasheet HTML 8Page - Richtek Technology Corporation RT5753C Datasheet HTML 9Page - Richtek Technology Corporation RT5753C Datasheet HTML 10Page - Richtek Technology Corporation RT5753C Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
RT5753A/B/C/D
7
DS5753A/B/C/D-03 May 2022
www.richtek.com
©
Copyright 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
inhibited until the inductor current ramps down to the
current limit level (ILIM_L), that is, another on-time can only
be triggered when the inductor current goes below the
low-side current limit. If the output load current exceeds
the available inductor current (clamped by the low-side
current limit), the output capacitor needs to supply the
extra current such that the output voltage will begin to
drop. If it drops below the output under-voltage protection
threshold, the IC will stop switching to avoid excessive
heat.
Figure 2. Over-Current Protection
Output Active Discharge
When the RT5753A/B/C/D is disabled by EN pin, UVLO
or OTP, the device discharges the output capacitors (via
SW pins) through an internal discharge resistor (100
Ω)
connected to ground. This function prevents the reverse
current flow from the output capacitors to the input
capacitors once the input voltage collapses. It doesn't need
to rely on another active discharge circuit for discharging
output capacitors. This function will be turned off when
the fault condition is removed.
Output Under-Voltage Protection
The RT5753A/B/C/D includes output under-voltage
protection (UVP) against over-load or short-circuited
condition by constantly monitoring the feedback voltage
VFB. If VFB drops below the under-voltage protection
threshold (typically 40% of the internal feedback reference
voltage), the UV comparator will go high to turn off both
the internal high-side and low-side MOSFET switches.
The RT5753A/B/C/D will enter output under-voltage
protection with hiccup mode. During hiccup mode, the IC
Output Over-Voltage Protection
The RT5753AL/BL/CL/DL includes an output over-voltage
protection (OVP) circuit to limit output voltage and
minimize output voltage overshoot. If the VFB goes above
the 120% of the reference voltage, the high-side MOSFET
will be forced off to limit the output voltage then the IC will
be into Latch-off mode.
Thermal Shutdown
The RT5753A/B/C/D includes an over-temperature
protection (OTP) circuitry to prevent overheating due to
excessive power dissipation. The OTP will shut down
switching operation when junction temperature exceeds
a thermal shutdown threshold (TSD). Once the junction
temperature cools down by a thermal shutdown
hysteresis (
ΔTSD), the IC will resume normal operation
with a complete soft-start.
Note that the over-temperature protection is intended to
protect the device during momentary overload conditions.
will shut down for tHICCUP_OFF (5ms/2.5ms, typ.), and then
attempt to recover automatically for tHICCUP_ON (1ms/
0.5ms, typ.). Upon completion of the soft-start sequence,
if the fault condition is removed, the converter will resume
normal operation; otherwise, such cycle for auto-recovery
will be repeated until the fault condition is cleared. Hiccup
mode allows the circuit to operate safely with low input
current and power dissipation, and then resume normal
operation as soon as the over-load or short-circuit
condition is removed. A short-circuit protection and
recovery profile is shown below.
Figure 3. Short-Circuit Protection and Recovery
VOUT
(500mV/Div)
VPG
(5V/Div)
ISW
(2A/Div)
VSW
(5V/Div)
Short Applied
Short Removed
VOUT
(500mV/Div)
VPG
(5V/Div)
ISW
(2A/Div)
VSW
(5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com