Electronic Components Datasheet Search
  English  ▼

X  

RT5753C Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT5753C
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753C Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT5753C Datasheet HTML 2Page - Richtek Technology Corporation RT5753C Datasheet HTML 3Page - Richtek Technology Corporation RT5753C Datasheet HTML 4Page - Richtek Technology Corporation RT5753C Datasheet HTML 5Page - Richtek Technology Corporation RT5753C Datasheet HTML 6Page - Richtek Technology Corporation RT5753C Datasheet HTML 7Page - Richtek Technology Corporation RT5753C Datasheet HTML 8Page - Richtek Technology Corporation RT5753C Datasheet HTML 9Page - Richtek Technology Corporation RT5753C Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
RT5753A/B/C/D
6
DS5753A/B/C/D-03 May 2022
www.richtek.com
©
Copyright 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Maximum Duty Cycle Operation
The RT5753A/B/C/D is designed to operate in dropout at
the high duty cycle approaching 100%. If the operational
duty cycle is large and the required off-time becomes
smaller than minimum off-time, the RT5753A/B/C/D starts
to enable skip off-time function and keeps high-side
MOSFET switch on continuously. The RT5753A/B/C/D
implements skip off-time function to achieve high duty
approaching 100%. Therefore, the maximum output
voltage is near the minimum input supply voltage of the
application for input voltage momentarily falls down to the
normal output voltage requirement. The input voltage at
which the devices enter dropout changes depending on
the input voltage, output voltage, switching frequency, load
current, and the efficiency of the design.
Power Good Indication
The RT5753A/B/C/D features an open-drain power-good
output (PG) to monitor the output voltage status. The
output delay of comparator prevents false flag operation
for short excursions in the output voltage, such as during
line and load transients. Pull-up PG with a resistor to VIN
or an external voltage below 6V. When VIN voltage rises
above VUVLO, the power-good function is activated. After
soft-start is finished, the PG pin is controlled by a
comparator connected to the feedback signal VFB. If VFB
rises above a power-good high threshold (VTH_PGLH)
(typically 90% of the reference voltage), the PG pin will
be in high impedance and VPG will be held high. When
VFB falls short of power-good low threshold (VTH_PGHL)
(typically 85% of the reference voltage), the PG pin will
be pulled low. Once being started-up, if any internal
protection is triggered, PG will be pulled low to GND. The
internal open-drain pull-down device will pull the PG pin
low. The power good indication profile is shown below.
Table 1. PG Pin Status
Conditions
PG Pin
Enable
VEN > VEN_H,
VFB > VTH_PGLH
High Impedance
VEN > VEN_H,
VFB < VTH_PGHL
Low
Shutdown
VEN < VEN_L
Low
OTP
TJ > TSD
Low
 
Input Under-Voltage Lockout
In addition to the EN pin, the RT5753A/B/C/D also provides
enable control through the VIN pin. If VEN rises above VENH
first, switching will still be inhibited until the VIN voltage
rises above VUVLO. It is to ensure that the internal regulator
is ready so that operation with not-fully-enhanced internal
MOSFET switches can be prevented. After the device is
powered up, if the input voltage VIN goes below the UVLO
falling threshold voltage (VUVLO
− ΔVUVLO), this switching
will be inhibited; if VIN rises above the UVLO rising
threshold (VUVLO), the device will resume normal operation
with a complete soft-start.
The Over-Current Protection
The RT5753A/B/C/D features cycle-by-cycle current-limit
protection on both the high-side and low-side MOSFETs
and the protection prevents the device from the catastrophic
damage in output short circuit, over current or inductor
saturation.
The high-side MOSFET over-current protection is achieved
by an internal current comparator that monitors the current
in the high-side MOSFET during each on-time. The switch
current is compared with the high-side switch peak-current
limit (ILIM_H) after a certain amount of delay when the high-
side switch being turned on each cycle. If an over-current
condition occurs, the converter will immediately turn off
the high-side switch and turn on the low-side switch to
prevent the inductor current from exceeding the high-side
current limit.
The low-side MOSFET over-current protection is achieved
by measuring the inductor current through the
synchronous rectifier (low-side switch) during the low-side
on-time. Once the current rises above the low-side switch
valley current limit (ILIM_L), the on-time one-shot will be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com