Electronic Components Datasheet Search
  English  ▼

X  

RT5753C Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT5753C
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753C Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT5753C Datasheet HTML 4Page - Richtek Technology Corporation RT5753C Datasheet HTML 5Page - Richtek Technology Corporation RT5753C Datasheet HTML 6Page - Richtek Technology Corporation RT5753C Datasheet HTML 7Page - Richtek Technology Corporation RT5753C Datasheet HTML 8Page - Richtek Technology Corporation RT5753C Datasheet HTML 9Page - Richtek Technology Corporation RT5753C Datasheet HTML 10Page - Richtek Technology Corporation RT5753C Datasheet HTML 11Page - Richtek Technology Corporation RT5753C Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
RT5753A/B/C/D
8
DS5753A/B/C/D-03 May 2022
www.richtek.com
©
Copyright 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
The protection is activated outside of the absolute
maximum range of operation as a secondary fail-safe and
therefore should not be relied upon operationally.
Continuous operation above the specified absolute
maximum operating junction temperature may impair
device reliability or permanently damage the device.
Negative Over-Current Limit (RT5753B)
The RT5753B/D is the part which is forced to PWM and
allows negative current operation. In case of PWM
operation, high negative current may be generated as an
external power source which is tied to output terminal
unexpectedly. As the risk described above, the internal
circuit monitors negative current in each on-time interval
of low-side MOSFET and compares it with NOC threshold.
Once the negative current exceeds the NOC threshold,
the low-side MOSFET is turned off immediately, and then
the high-side MOSFET will be turned on to discharge the
energy of output inductor. This behavior can keep the valley
of negative current at NOC threshold to protect low-side
MOSFET. However, the negative current can't be limited
at NOC threshold anymore since minimum off-time is
reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com