Electronic Components Datasheet Search
  English  ▼

X  

RT6056 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT6056
Description  High-Side or Low-Side Measurement, Bi-Directional Current and Power Monitor with 16-Bit ADC Op Amp/Alert
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6056 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT6056 Datasheet HTML 1Page - Richtek Technology Corporation RT6056 Datasheet HTML 2Page - Richtek Technology Corporation RT6056 Datasheet HTML 3Page - Richtek Technology Corporation RT6056 Datasheet HTML 4Page - Richtek Technology Corporation RT6056 Datasheet HTML 5Page - Richtek Technology Corporation RT6056 Datasheet HTML 6Page - Richtek Technology Corporation RT6056 Datasheet HTML 7Page - Richtek Technology Corporation RT6056 Datasheet HTML 8Page - Richtek Technology Corporation RT6056 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
RT6056
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS6056-00
April 2022
4
Operation
The RT6056 is a high-side/low-side current and power
monitor with an integrated 16-bit ADC and an internal
open-drain for alert indicator. The device is ideal for a
variety of industrial and telecom equipment applications.
The RT6056 operates over a wide 0V to 36V input
common-mode voltage range, and an internal 16-bit
integrating analog-to-digital converter (ADC) allows the
user to read data such as voltage, current and power.
The full-scale voltage from -81.9175mV 81.92mV and
calibration function allow for a wide dynamic range
current measurement and application flexibility in
choosing sense resistor values.
Mode Configuration
RT6056 provides ADC configuration function through
Configuration Register (00h); the device includes all-
register reset, ADC conversion times, averaging mode
and operating mode configuration.
The device has several operating modes for ADC
operation, including continuous mode, trigger mode and
shutdown mode; when the device is in default operating
mode (continuous mode), it continuously converts the
sense voltage and bus voltage; after the voltage is read,
the current is calculated by the value of calibration
setting and further used to calculate the power.
When the device operates in trigger mode, the data in
the registers remains; the ADC only executes data
updating
after
the
Configuration
Register
(00h)
executes a new “WRITE” format.
The device also provides shutdown mode to reduce the
input quiescent current; when the device operates in
shutdown mode, the write and read are available for the
register. The device keeps in shutdown mode until one
of the continuous mode or triggered mode is selected.
Conversion Time and Averaging
RT6056 provides configurable conversion time and
averaging time through Configuration Register (00h); it
allows the user to optimize the design according to the
accuracy
and
system-timing
requirement.
The
conversion time setting for both of sense voltage and
bus voltage can be selected from 139
s to 8.205ms; the
longer conversion time results in higher noise immunity,
but it needs more time for data updating. Figure 1 shows
the performance of noise vs. conversion time.
The averaging function also improves the measurement
accuracy by effectively filtering the signal. This
approach allows the device to reduce any noise in the
measurement that may be caused by noise coupling
into the signal. A greater number of averages enables
the device to be more effective in reducing the noise
component of the measurement.
Conversion Time: 269µs
0
200
400
600
800
1000
Read Times of Data
Conversion Time: 1037µs
Conversion Time: 8205µs
Figure 1. Noise vs. Conversion Time
Calibration and Current Calculation
The Calibration Register (05h) is calculated based on
the shunt resistor and required current resolution; the
equation is shown as below :
SHUNT
LSB
0.00512
Calbration Setting (dec) =
RI
Where
⚫
0.00512 is an internal fixed value
⚫
ILSB is the resolution of measurement current
The highest resolution for the Current Register (04h)
can be obtained by using the smallest allowable
Current_LSB based on the maximum output current, the
equation is shown as below :
15
Maximum Current
Current resolution =
2
While the highest resolution is lower than the expected
resolution, it is common to select a value for the
Current_LSB to the nearest round number and above
the highest resolution to simplify the conversion of the
Current in amperes and power in watts respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com