Electronic Components Datasheet Search
  English  ▼

X  

RT6056 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT6056
Description  High-Side or Low-Side Measurement, Bi-Directional Current and Power Monitor with 16-Bit ADC Op Amp/Alert
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6056 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT6056 Datasheet HTML 11Page - Richtek Technology Corporation RT6056 Datasheet HTML 12Page - Richtek Technology Corporation RT6056 Datasheet HTML 13Page - Richtek Technology Corporation RT6056 Datasheet HTML 14Page - Richtek Technology Corporation RT6056 Datasheet HTML 15Page - Richtek Technology Corporation RT6056 Datasheet HTML 16Page - Richtek Technology Corporation RT6056 Datasheet HTML 17Page - Richtek Technology Corporation RT6056 Datasheet HTML 18Page - Richtek Technology Corporation RT6056 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
RT6056
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS6056-00
April 2022
www.richtek.com
15
Bus Gain Error vs. Temperature
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Temperature (°C)
Input Bias Current vs. Temperature
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
Temperature (°C)
Bus Gain Error vs. Common-Mode
Input Voltage
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
5
10
15
20
25
30
35
40
Common-Mode Input Voltage (V)
VS = 2.7V
VS = 3.3V
VS = 5.5V
Input Bias Current vs. Common-Mode
Input Voltage
0
10
20
30
40
50
0
4
8
12
16
20
24
28
32
36
Common-Mode Input Voltage (V)
Quiescent Current vs. Temperature
500
510
520
530
540
550
-50
-25
0
25
50
75
100
125
Temperature (°C)
Quiescent Current-Shutdown vs.
Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-50
-25
0
25
50
75
100
125
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com