Electronic Components Datasheet Search
  English  ▼

X  

RT6056 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT6056
Description  High-Side or Low-Side Measurement, Bi-Directional Current and Power Monitor with 16-Bit ADC Op Amp/Alert
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6056 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT6056 Datasheet HTML 9Page - Richtek Technology Corporation RT6056 Datasheet HTML 10Page - Richtek Technology Corporation RT6056 Datasheet HTML 11Page - Richtek Technology Corporation RT6056 Datasheet HTML 12Page - Richtek Technology Corporation RT6056 Datasheet HTML 13Page - Richtek Technology Corporation RT6056 Datasheet HTML 14Page - Richtek Technology Corporation RT6056 Datasheet HTML 15Page - Richtek Technology Corporation RT6056 Datasheet HTML 16Page - Richtek Technology Corporation RT6056 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
RT6056
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS6056-00
April 2022
www.richtek.com
13
Typical Application Circuit
High-Side Sensing Circuit Application
IN+
RT6056
GND
A0
Alert
IN-
A1
VBUS
VS
SDA
SCL
Load
VIN+
VIN-
Power Supply 0V to 36V
VS
VS
RSHUNT
CBYPASS
0.1
μF
CFILTER
0.1
μF
VALERT
R1
R2
R3
10
9
8
6
7
1
2
3
4
5
Low-Side Sensing Circuit Application
IN+
RT6056
GND
A0
Alert
IN-
A1
VBUS
VS
SDA
SCL
Load
VIN+
VIN-
Power Supply 0V to 36V
VS
VS
RSHUNT
CBYPASS
0.1
μF
CFILTER
0.1
μF
VALERT
R1
R2
R3
1
2
3
4
5
8
10
9
6
7
Note : All the input and output capacitors are the suggested values, referring to the effective capacitances, subject to any de-rating
effect, like a DC Bias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com