Electronic Components Datasheet Search
  English  ▼

X  

RT6056 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT6056
Description  High-Side or Low-Side Measurement, Bi-Directional Current and Power Monitor with 16-Bit ADC Op Amp/Alert
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6056 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT6056 Datasheet HTML 7Page - Richtek Technology Corporation RT6056 Datasheet HTML 8Page - Richtek Technology Corporation RT6056 Datasheet HTML 9Page - Richtek Technology Corporation RT6056 Datasheet HTML 10Page - Richtek Technology Corporation RT6056 Datasheet HTML 11Page - Richtek Technology Corporation RT6056 Datasheet HTML 12Page - Richtek Technology Corporation RT6056 Datasheet HTML 13Page - Richtek Technology Corporation RT6056 Datasheet HTML 14Page - Richtek Technology Corporation RT6056 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
RT6056
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS6056-00
April 2022
www.richtek.com
11
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Sense Offset Voltage, RTI
VS_OS
--
±2.5
±10
V
Sense Offset Voltage, RTI vs
Power Supply
PSRR
2.7 V
≤ VS ≤ 5.5 V
--
2.5
--
V/V
Bus Offset Voltage, RTI
VB_OS
--
±1.25
±7.5
mV
Bus Offset Voltage, RTI vs
Power Supply
(Note 7)
PSRR
2.7 V
≤ VS ≤ 5.5 V
--
0.5
--
mV/V
Input Bias Current (IIN+ or IIN–
pins)
IB
--
35
--
μA
VBUS Input Impedance
--
830
--
k
Input Leakage
(IN+ pin) + (IN
– pin), power-
down mode
--
0.1
0.5
A
DC Accuracy
ADC Native Resolution
--
16
Bits
1 LSB Step Size
Sense voltage
--
2.5
V
Bus voltage
--
1.25
mV
Sense Voltage Gain Error
--
0.02
0.12
%
Sense Voltage Nonlinearity
--
0.05
--
%
Bus Voltage Gain Error
--
0.02
0.4
%
Bus Voltage Nonlinearity
(Note 7)
--
0.05
--
%
ADC Conversion Time,
Continuous Mode
tCT1
bit = 000
--
139
--
s
bit = 001
--
203
--
s
bit = 010
--
269
--
s
bit = 011
--
525
--
s
bit = 100
--
1037
--
s
bit = 101
--
2061
--
s
bit = 110
--
4109
--
s
bit =111
--
8205
--
s
I2C/SMBus
Timeout
--
37
--
ms
Digital Input / Output
Input Capacitance
--
5
--
pF
Leakage Input Current
ILEAK
0
≤ Input Pin Voltage ≤ VS
--
0.1
--
A
High-Level Input Voltage
VIH
1.2
--
--
V
Low-Level Input Voltage
VIL
--
--
0.4
V
Low-Level Output Voltage,
SDA, Alert
VOL
IOL = 3mA
--
--
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com