Electronic Components Datasheet Search
  English  ▼

X  

RT6056 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT6056
Description  High-Side or Low-Side Measurement, Bi-Directional Current and Power Monitor with 16-Bit ADC Op Amp/Alert
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6056 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT6056 Datasheet HTML 1Page - Richtek Technology Corporation RT6056 Datasheet HTML 2Page - Richtek Technology Corporation RT6056 Datasheet HTML 3Page - Richtek Technology Corporation RT6056 Datasheet HTML 4Page - Richtek Technology Corporation RT6056 Datasheet HTML 5Page - Richtek Technology Corporation RT6056 Datasheet HTML 6Page - Richtek Technology Corporation RT6056 Datasheet HTML 7Page - Richtek Technology Corporation RT6056 Datasheet HTML 8Page - Richtek Technology Corporation RT6056 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
RT6056
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS6056-00
April 2022
www.richtek.com
1
High-Side or Low-Side Measurement, Bi-Directional Current
and Power Monitor with 16-Bit ADC Op Amp/Alert
General Description
The RT6056 is a high accuracy current-sense monitor
with an I2C and SMBUS interface, and the device
provides full information for system by reading out the
load current and power.
The device monitors both of the drops across sense
resistor and the BUS voltage, converts into the current
in amperes, and power in watts through internal analog-
to-digital converter ADC. The programmable calibration,
adjustable conversion time, and averaging function are
also built in for more design flexibility.
The RT6056 provides a wide temperature environment
from
−40C to 125C and operates with an input voltage
from 2.7V to 5.5V. The device senses the current on
common-mode bus voltage with 0V to 36V.
The RT6056 also provides an alert function with open-
drain output, and it provides the full protection by giving
a warning to host from over-current, over-voltage and
over-power situation.
The RT6056 is available in a small MSOP-10 package.
Features
⚫
I2C and SMBUS Compatible Interface
⚫
Bi-Direction Current Sensing, Available for High-
Side or Low-Side Sensing
⚫
2.7V to 5.5V Operation Supply Voltage Range
⚫
Monitor Bus Voltage from 0V to 36V
⚫
High Accuracy, Max 0.12% Gain Error
⚫
Low Offset Voltage, Max 10
V Offset
⚫
Current,
Bus
Voltage
and
System
Power
Reporting
⚫
Programmable Warning Threshold
⚫
Over-Current, Over-Voltage and Over-Power Alert
⚫
MSOP-10 Package
Applications
⚫
Servers, Storage and Network Equipment
⚫
Portable, Battery-Powered Systems
⚫
Point of Load (POL) Power Modules
⚫
Notebook Computers
⚫
High End Digital TV
Simplified Application Circuit
IN+
RT6056
GND
A0
Alert
IN-
A1
VBUS
VS
SDA
SCL
Load
Power Supply
0V ~ 36V
VS
VS
RSHUNT


Similar Part No. - RT6056

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RT600 NXP-RT600 Datasheet
6Mb / 165P
Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs
Rev. 1.9-30 December 2021
RT600 NXP-RT600 Datasheet
6Mb / 167P
Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.0-1 April 2022
RT600 NXP-RT600 Datasheet
5Mb / 171P
Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
Rev. 2.1 - 7 July 2023
RT600 NXP-RT600 Datasheet
5Mb / 171P
Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.2 - 25 January 2024
RT600 NXP-RT600 Datasheet
5Mb / 171P
Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
Rev. 2.3 - 16 May 2024
More results

Similar Description - RT6056

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA209 BURR-BROWN-INA209 Datasheet
555Kb / 43P
High-Side Measurement, Bi-Directional Current/Power Monitor with I2C??Interface
logo
Texas Instruments
INA220 TI-INA220 Datasheet
1Mb / 35P
High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA220BIDGSR TI1-INA220BIDGSR Datasheet
1Mb / 39P
High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA209 TI-INA209_15 Datasheet
1Mb / 50P
High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
INA209 TI1-INA209_17 Datasheet
1Mb / 50P
High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com