Electronic Components Datasheet Search
  English  ▼

X  

RT6056 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT6056
Description  High-Side or Low-Side Measurement, Bi-Directional Current and Power Monitor with 16-Bit ADC Op Amp/Alert
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6056 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT6056 Datasheet HTML 17Page - Richtek Technology Corporation RT6056 Datasheet HTML 18Page - Richtek Technology Corporation RT6056 Datasheet HTML 19Page - Richtek Technology Corporation RT6056 Datasheet HTML 20Page - Richtek Technology Corporation RT6056 Datasheet HTML 21Page - Richtek Technology Corporation RT6056 Datasheet HTML 22Page - Richtek Technology Corporation RT6056 Datasheet HTML 23Page - Richtek Technology Corporation RT6056 Datasheet HTML 24Page - Richtek Technology Corporation RT6056 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
RT6056
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS6056-00
April 2022
www.richtek.com
21
Bits
Name
Description
0
Alert Latch Enable
(ALE)
1 = Latch enabled
0 = Transparent (default)
When the Alert Latch Enable bit is set to Transparent mode, the Alert pin
and Flag bit reset to the idle states when the fault has been cleared. When
the Alert Latch Enable bit is set to Latch mode, the Alert pin and Alert Flag
bit remain active following a fault until the Mask/Enable Register has been
read.
Alert Limit Register (07h)
Description: The Alert Limit Register contains the value used to compare to the register selected in the
Mask/Enable Register to determine if a limit has been exceeded.
Bit Position
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Function
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bits
Name
Description
15:0
Alert Limit
Stores the alert limit values
Manufacturer ID Register (FEh)
Description: The Manufacturer ID Register stores a unique identification number for the manufacturer.
Bit .
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Function
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Value
0
0
0
1
0
0
1
0
0
0
0
1
0
1
0
0
Bits
Name
Description
15:0
Manufacturer ID
Stores the manufacturer identification bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com