Electronic Components Datasheet Search
  English  ▼

X  

RT7207 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT7207
Description  USB PD Type-C Controller for SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7207 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT7207 Datasheet HTML 1Page - Richtek Technology Corporation RT7207 Datasheet HTML 2Page - Richtek Technology Corporation RT7207 Datasheet HTML 3Page - Richtek Technology Corporation RT7207 Datasheet HTML 4Page - Richtek Technology Corporation RT7207 Datasheet HTML 5Page - Richtek Technology Corporation RT7207 Datasheet HTML 6Page - Richtek Technology Corporation RT7207 Datasheet HTML 7Page - Richtek Technology Corporation RT7207 Datasheet HTML 8Page - Richtek Technology Corporation RT7207 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
RT7207
4
DS7207-00 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
Operation
The RT7207 is a highly integrated secondary-side USB
PD Type-C controller with various functions and protections
for off-line AC-DC converters.
Power Structure
Biased by the VDD pin, the RT7207 has two regulated DC
output voltages, V5 and V2, to supply the internal circuit
and the internal microprocessor (MCU). The bypass
capacitors at the V2 and V5 pins are required to improve
stability of the internal LDO and to minimize regulated
ripple voltages. The RT7207 also integrates a charge
pump to generate a boost voltage V9 from V5 with VCP
pin for capacitor connection so that the V9 voltage can be
nearly 2 times of the V5 voltage and the VG pin can directly
drive the SR MOSFET. Besides, the charge pump allows
the controller to operate under low supply voltage condition
as long as the output voltage is not below the programmed
UVP level.
Constant-Voltage and Constant-Current (CV/CC)
Regulators
Two regulators are paralleled and connected to an open-
drain output, OPTO pin. The operation of each feedback
loop is similar to that of the traditional TL431 shunt regulator
except that VOPTO operating range is wider, from 0.3V to
25V, which enables easy design of converters with a wider
output range. The OPTO pin will be in high-impedance
state, if the VDD voltage is still below a UVLO threshold
VVDD_ON, which ensures a smooth power-on sequence.
The reference voltages, VREF_CV and VREF_CC, for the
voltage and current feedback loops, respectively, are analog
output voltages from the embedded DAC, and their digital
counterparts are from the MCU. The analog output range
of the 9-bit DAC is from 0 to VDAC_MAX (typical 2.7V), which
makes output voltage resolution as small as 42mV and
26mV for the RT7207 and RT7207L, respectively, to achieve
high-precision CV regulation.
CC_CV
Shunt Regulator
Synchronous
Rectifier
Controller
MCU
ADC
DP
DM
CS
Amp
DAC
Power
OSC
CS-
CS+
D-
D+
V_TR
RT
RT
VDD
VREF_CV
VREF_CC
BLD
VFB
IFB
OPTO
Charge Pump
VDD
V5
V2
V9
VG
V_TR
VCP
WDT
OTP-ROM
SRAM
TMR
PROG/TST
IO
Green
Alarm
AGND
Protection
USBP
BLD
USBP
OVP
OVP
PHY
CC1
CC2
CC1
CC2
I
2
C
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com