Electronic Components Datasheet Search
  English  ▼

X  

RT7207 Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT7207
Description  USB PD Type-C Controller for SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7207 Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT7207 Datasheet HTML 17Page - Richtek Technology Corporation RT7207 Datasheet HTML 18Page - Richtek Technology Corporation RT7207 Datasheet HTML 19Page - Richtek Technology Corporation RT7207 Datasheet HTML 20Page - Richtek Technology Corporation RT7207 Datasheet HTML 21Page - Richtek Technology Corporation RT7207 Datasheet HTML 22Page - Richtek Technology Corporation RT7207 Datasheet HTML 23Page - Richtek Technology Corporation RT7207 Datasheet HTML 24Page - Richtek Technology Corporation RT7207 Datasheet HTML 25Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
RT7207
23
DS7207-00 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
USBP Control
The RT7207 provides an open-drain driver for controlling
an external blocking P-MOSFET. Once the communication
is set up with an UFP, or a 5.1k
Ω resistor at the CC1/CC2
pin of a Type-C connector of the UFP is detected, the P-
MOSFET will be turned on. If VOUT over-voltage condition
occurs, the blocking P-MOSFET will be turned off to
prevent the UFP from being damaged by the VOUT over-
voltage condition. If VOUT is shorted to GND, the P-
MOSFET will also be turned off automatically so that
output power can be limited.
Output Over-Voltage Protection
As shown in the Figure 12, the RT7207 provides the OVP
pin as a backup VOUT over-voltage protection, in case the
optocoupler of the feedback loop is malfunction due to
aging. If the internal voltage related to VDD is higher by
the programmable threshold VVOUT_OVP, the OVP pin will
be pulled low. The OVP pin voltage will be latched low
until the VDD voltage drops below the VDD turn-off
threshold VVDD_OFF, as shown in Figure 13.
Figure 11. The RT Voltages vs. Temperature at Three Bias
Currents
Figure 9. (a) VOUT Rises. (b) VOUT Falls.
(b)
Figure 10. Application Circuit of an Active Dummy Load
Temperature Sensing and Thermal Protection
The RT7207 provides the RT pin for over-temperature
protection or thermal monitoring. As shown in Figure 2,
the RT pin sources a constant bias current for a remote
thermal sensor of an NTC thermistor, connected from the
RT pin to GND, for temperature sensing. If the RT voltage
is below a programmable threshold voltage and the
condition sustains for a programmable deglitch time, over-
temperature protection will be triggered.
The bias current through the RT pin can be programmed
as 100
μA, 20μA, or 4μA by setting the internal register.
With the appropriate bias current setting, linearity of
temperature sensing over the temperature range of 25
°C
to 100
°C can be improved. The RT7207 can deliver the
sensed RT voltage data back to the UFP via the protocol
(Vendor Defined Message), if necessary. Figure 11 shows
the RT voltages vary with temperature at three different
bias currents with an NTC thermistor TTC104 as an
example.
2.5V
0.4V
1V
2V
100°C
50°C
0°C
20µA
4µA
100µA
VRT
Temperature
DOL
DI
BLD
DIEN
COUT
RDUMMY
20V
5V
VOUT
VREF_CV
2.5V
200µs
SR_EN
VBLD
300ms (programmable)
<275ms
Slope -1.875V / 275ms
-5mV/750µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com