Electronic Components Datasheet Search
  English  ▼

X  

RT7207 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT7207
Description  USB PD Type-C Controller for SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7207 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT7207 Datasheet HTML 6Page - Richtek Technology Corporation RT7207 Datasheet HTML 7Page - Richtek Technology Corporation RT7207 Datasheet HTML 8Page - Richtek Technology Corporation RT7207 Datasheet HTML 9Page - Richtek Technology Corporation RT7207 Datasheet HTML 10Page - Richtek Technology Corporation RT7207 Datasheet HTML 11Page - Richtek Technology Corporation RT7207 Datasheet HTML 12Page - Richtek Technology Corporation RT7207 Datasheet HTML 13Page - Richtek Technology Corporation RT7207 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
RT7207
10
DS7207-00 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Rise Time/Fall Time
tR_CC,
tF_CC
CLOAD = 600pF
200
--
--
ns
Register-Programmable
Sourcing Current
ICC_SRC
01
72
80
88
A
10
166
180
194
11
304
330
356
USBP Section
Maximum USBP Sinking
Current
IUSBP_MAX
2
--
20
mA
Pull-Low Impedance
RL_USBP
(Note 5)
--
--
150
SR Driver Section
Rise Time
tR_VG
CL = 6nF, V9 = 9V, from 20%
to 80%
--
75
125
ns
Fall Time
tF_VG
CL = 6nF, V9 = 9V, from 80%
to 20%
--
35
85
ns
OTP-Programmable Turn-On
Delay
tDELAY
Delay and debounce
time of V_TR falling
tDELAY =
tV_TR_FALLING + tP
00
180
280
380
ns
01
130
230
330
10
80
180
280
11
30
130
230
Propagation Delay
tP
--
100
--
ns
Internal Pull-Low Resistor
(Note 5)
--
20
--
k
V_TR Section
OTP-Programmable V_TR Under
Voltage Threshold
VTH_VTR_UV
If VV_TR_SH – (VOUT x
KVDS_SR) >
VTH_VTR_UV, SR
driver is active
000
0.35
0.45
0.55
V
001
0.3
0.4
0.5
010
0.25
0.35
0.45
011
0.2
0.3
0.4
100
0.15
0.25
0.35
101
0.1
0.2
0.3
110
0.05
0.15
0.25
111
0
0.1
0.2
V_TR Falling Edge Threshold
Voltage
VTH_VTR_F
SR turn-on trip point
0.025
0.125
0.2
V
Dead Time Comparator
Threshold
VTH_VTR_DT
--
0.1
--
V
Dead Time Comparator Delay
(Note 5)
--
--
40
ns
V_TR Over-Voltage Threshold
VTH_VTR_OV
3.8
4
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com