Electronic Components Datasheet Search
  English  ▼

X  

RT7207 Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT7207
Description  USB PD Type-C Controller for SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7207 Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT7207 Datasheet HTML 16Page - Richtek Technology Corporation RT7207 Datasheet HTML 17Page - Richtek Technology Corporation RT7207 Datasheet HTML 18Page - Richtek Technology Corporation RT7207 Datasheet HTML 19Page - Richtek Technology Corporation RT7207 Datasheet HTML 20Page - Richtek Technology Corporation RT7207 Datasheet HTML 21Page - Richtek Technology Corporation RT7207 Datasheet HTML 22Page - Richtek Technology Corporation RT7207 Datasheet HTML 23Page - Richtek Technology Corporation RT7207 Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
RT7207
20
DS7207-00 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VTH_VTR_DT vs. Temperature
90
95
100
105
110
-50
-25
0
25
50
75
100
125
Temperature (°C)
VTH_VTR_F vs. Temperature
102.5
105.0
107.5
110.0
112.5
-50
-25
0
25
50
75
100
125
Temperature (°C)
VTH_VTR_OV vs. Temperature
3.85
3.90
3.95
4.00
4.05
-50
-25
0
25
50
75
100
125
Temperature (°C)
RVDS2 vs. Temperature
4.60
4.70
4.80
4.90
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
tDELAY vs. Temperature
80
130
180
230
280
330
380
-50
-25
0
25
50
75
100
125
Temperature (°C)
00 : 280ns
01 : 230ns
10 : 180ns
11 : 130ns
VTH_VTR_UV vs. Temperature
100
150
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
011 : 0.3V
101 : 0.2V
100 : 0.25V
010 : 0.35V
110 : 0.15V
000 : 0.45V
001 : 0.4V
111 : 0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com