Electronic Components Datasheet Search
  English  ▼

X  

RT7207 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT7207
Description  USB PD Type-C Controller for SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7207 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT7207 Datasheet HTML 17Page - Richtek Technology Corporation RT7207 Datasheet HTML 18Page - Richtek Technology Corporation RT7207 Datasheet HTML 19Page - Richtek Technology Corporation RT7207 Datasheet HTML 20Page - Richtek Technology Corporation RT7207 Datasheet HTML 21Page - Richtek Technology Corporation RT7207 Datasheet HTML 22Page - Richtek Technology Corporation RT7207 Datasheet HTML 23Page - Richtek Technology Corporation RT7207 Datasheet HTML 24Page - Richtek Technology Corporation RT7207 Datasheet HTML 25Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
RT7207
22
DS7207-00 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Internal Biases and Charge Pump
The RT7207 provides three regulated bias voltages, V5,
V2, and V9. The V5 bias voltage is the output of a linear
regulator powered by VDD, and supplies the internal analog
circuit and the charge pump driver. The V2 bias voltage is
the output of a linear regulator powered by V5, and supplies
the MCU. As shown in Figure 8, the RT7207 also
integrates a charge pump circuit to generate V9 to supply
for the SR driver when VDD is at lower levels, such as
3.3V to 5V. If the RT7207 enters power-saving mode, the
charge pump driver will be disabled.
The minimum source/sink capability of charge pump driver
is around 10mA at 170kHz of charge pump operating
frequency fCP. Bypass capacitor on the V5, V2 and V9
pins are required to minimize output ripples of the biases.
V9 = V5 x 2
− VF_DCP1 − VF_DCP2 − IV9 x ROUT_CP
When output voltage is set at lower levels (<5V), V5 will
be lower, following VDD by a voltage drop of a dropout
voltage of the LDO. For higher V9, a lower forward voltage
for the Schottky diodes, DCP1 and DCP2, is required.
The RT7207 provides V5 short-circuit protection against
the condition that the V5, V2, or VCP pin is shorted to
GND, and also provides under-voltage protection for V9. If
the V9 voltage is below VV9_SRON (typical 4.5V), the SR
driver will be turned off, that is, VG will be inactivated.
Output Voltage Rises and Falls
When the protocol is detected, the reference voltage
VREF_CV can be set by the request of the UFP. Both the
rise time and fall time of output voltages should be less
than 275ms in accordance with the USB PD Specification,
as shown in Figure 9.
During the time of VOUT falling, as shown in Figure 10, the
BLD driver will be turned on as a dummy load to provide
an extra discharging path for the output capacitor so that
VOUT can be settled in a shorter duration. The designed
RDUMMY is as :
COUT x (RDUMMY + RL_BLD) x 2 < 275ms
During the time of VOUT rising or falling, the SR driver will
be turned off. After a firmware programmable delay time
300ms, the RT7207 will sense the load condition and may
reactivate the SR driver.
(a)
Figure 7. The Waveforms of the Bias Voltages during
Start-Up
Figure 8. Charge Pump Circuit
VDD
IOUT
Power-saving mode
threshold
V5
V2
V9
Power-Saving
Mode
VVDD_ON
5V
Debounce time to enter power-saving mode
V5
V9
VCP
CV9
CV5
DCP1
VG
CCP
IV9
DCP2
ROUT_CP
20V
5V
0.625V
<275ms
VOUT
VREF_CV
2.5V
SR_EN
5ms
Slope 1.875V / 275ms
5mV/750µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com