Electronic Components Datasheet Search
  English  ▼

X  

RT7207 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7207
Description  USB PD Type-C Controller for SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7207 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7207 Datasheet HTML 1Page - Richtek Technology Corporation RT7207 Datasheet HTML 2Page - Richtek Technology Corporation RT7207 Datasheet HTML 3Page - Richtek Technology Corporation RT7207 Datasheet HTML 4Page - Richtek Technology Corporation RT7207 Datasheet HTML 5Page - Richtek Technology Corporation RT7207 Datasheet HTML 6Page - Richtek Technology Corporation RT7207 Datasheet HTML 7Page - Richtek Technology Corporation RT7207 Datasheet HTML 8Page - Richtek Technology Corporation RT7207 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
RT7207
®
DS7207-00 January 2017
www.richtek.com
1
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications
USB PD Type-C Chargers/Adapters for Smart Phones,
NBs, Tablets and All Other Electronics.
USB PD Extension Cores with Offline AC-DC Converters.
USB PD Type-C Controller for SMPS
Features
Protocols Supported

USB PD 2.0

Other Proprietary Protocols
Highly Integrated

Embedded MCU with an OTP-ROM of 32kB and
an SRAM of 1kB

Embedded BMC Transceiver

Built-in Synchronous Rectifier Driver and
Controller

Built-in Charge Pump for a Wide VDD Operatio
Range of 3.3V to 20V

Built-in Shunt Regulator for Constant-Voltage
and Constant-Current Control

Programmable Cable Compensation

BLD Pin for Quick Discharge of Output Capacitor

USBP Pin for Direct Drive of External Blocking
P-MOSFET

Power-Saving Mode in Standby Mode
Protection

Adaptive Output Over-Voltage Protection

Adaptive Under-Voltage Protection

Firmware-Programmable Over-Current Protection

Firmware-Programmable Over-Temperature
Protection
General Description
The RT7207 is a secondary-side USB Power Delivery (USB
PD) Type-C controller for high-efficiency off-line AC-DC
converters with slim form factor. The RT7207 integrates
an MCU as a policy engine to handle USB PD protocol,
and also integrates a built-in Biphase Mark Coding (BMC)
transceiver for USB PD or other proprietary protocols. An
internal synchronous rectifier controller (SRC) can operate
in both continuous-conduction mode (CCM) and
discontinuous-conduction mode (DCM) even in the
condition of a wide output voltage range of 3.3V to 20V.
Dual operational amplifiers with respectively programmable
reference voltages are included for voltage-loop and current-
loop regulation to provide programmable constant-voltage
(CV) and constant-current (CC) regulation in high precision.
Pin Configuration
(TOP VIEW)
WQFN-24L 4x4
Ordering Information
Note :
Richtek products are :
 RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
 Suitable for use in SnPb or Pb-free soldering processes.
V_TR
CS+
CS-
D-
D+
CC_GND
V2
AGND
VDD
USBP
OVP
VDD
GND
1
2
3
4
5
6
78
9
10
12
11
18
17
16
15
14
13
21 20 19
24
22
23
25
RT7207
Package Type
QW : WQFN-24L 4x4 (W-Type)
(Exposed Pad-Option 2)
Lead Plating System
G : Green
(Halogen Free and Pb Free)
RT7207 Version
(Refer to Version Table)
-
Customized Firmware Part
For Example : AABBX
AA = Firmware Application Code
BB = Hardware Model Code
X = Firmware Version Code


Similar Part No. - RT7207

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7207K RICHTEK-RT7207K Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Rectification
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
RT7207KBGQWAA RICHTEK-RT7207KBGQWAA Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
RT7207KBGQWBB RICHTEK-RT7207KBGQWBB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
RT7207KBGQWX RICHTEK-RT7207KBGQWX Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
More results

Similar Description - RT7207

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
NXP Semiconductors
TEA19031AT NXP-TEA19031AT Datasheet
336Kb / 37P
USB-PD controller for SMPS
Rev. 2-1 December 2017
TEA19032BT NXP-TEA19032BT Datasheet
335Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1-9 February 2018
logo
Richtek Technology Corp...
RT7202K RICHTEK-RT7202K Datasheet
75Kb / 1P
Highly Integrated USB PD Type-C Controller for SMPS
RT7205A RICHTEK-RT7205A Datasheet
642Kb / 36P
Programmable SMPS and USB Type-C Controller
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
NXP Semiconductors
TEA19032CT NXP-TEA19032CT Datasheet
336Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1 ??15 March 2019
logo
Richtek Technology Corp...
RT1716 RICHTEK-RT1716 Datasheet
477Kb / 37P
Programmable USB Type-C PD Controller
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com