Electronic Components Datasheet Search
  English  ▼

X  

RT9065 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9065
Description  500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9065 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9065 Datasheet HTML 1Page - Richtek Technology Corporation RT9065 Datasheet HTML 2Page - Richtek Technology Corporation RT9065 Datasheet HTML 3Page - Richtek Technology Corporation RT9065 Datasheet HTML 4Page - Richtek Technology Corporation RT9065 Datasheet HTML 5Page - Richtek Technology Corporation RT9065 Datasheet HTML 6Page - Richtek Technology Corporation RT9065 Datasheet HTML 7Page - Richtek Technology Corporation RT9065 Datasheet HTML 8Page - Richtek Technology Corporation RT9065 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9065
3
DS9065-03 May 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT9065 is a low dropout voltage linear regulator
designed for RF and wireless applications which require
low noise and high PSRR performance. The RT9065 builds
in a P-type P-MOSFET with current capability up to
500mA. In normal operation, the Error Amplifier adjusts
the gate voltage of the power MOSFET to regulate the
ADJ voltage being equal to the internal 0.8V reference
voltage.
P-MOSFET current is detected and current limit function
will work to limit the output current to a designed value
when short circuit happens. Furthermore, the P-MOSFET
will be shutdown if the junction temperature is higher than
typically 165
°C, and released to normal operation until
the temperature falls below typically 135
°C.
Start-Up
This function is defined as chip start up time which is
from VEN > VIH to the 95% of VOUT.
Shutdown and Logic Control
This function block includes chip Enable/Disable and UVLO
circuits. When chip is disabled, VOUT is pulled to GND
through the auto-discharge MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com