Electronic Components Datasheet Search
  English  ▼

X  

RT9065 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9065
Description  500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9065 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9065 Datasheet HTML 3Page - Richtek Technology Corporation RT9065 Datasheet HTML 4Page - Richtek Technology Corporation RT9065 Datasheet HTML 5Page - Richtek Technology Corporation RT9065 Datasheet HTML 6Page - Richtek Technology Corporation RT9065 Datasheet HTML 7Page - Richtek Technology Corporation RT9065 Datasheet HTML 8Page - Richtek Technology Corporation RT9065 Datasheet HTML 9Page - Richtek Technology Corporation RT9065 Datasheet HTML 10Page - Richtek Technology Corporation RT9065 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT9065
10
DS9065-03 May 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
SOT-23-6 package, the thermal resistance,
θJA, is
208.2
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (208.2°C/W) = 0.48W for
SOT-23-6 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 2 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Figure 2. Derating Curve of Maximum Power Dissipation
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com