Electronic Components Datasheet Search
  English  ▼

X  

RT9065 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9065
Description  500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9065 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9065 Datasheet HTML 1Page - Richtek Technology Corporation RT9065 Datasheet HTML 2Page - Richtek Technology Corporation RT9065 Datasheet HTML 3Page - Richtek Technology Corporation RT9065 Datasheet HTML 4Page - Richtek Technology Corporation RT9065 Datasheet HTML 5Page - Richtek Technology Corporation RT9065 Datasheet HTML 6Page - Richtek Technology Corporation RT9065 Datasheet HTML 7Page - Richtek Technology Corporation RT9065 Datasheet HTML 8Page - Richtek Technology Corporation RT9065 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT9065
5
DS9065-03 May 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Note 3. Devices are ESD sensitive. Handling precaution recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Start-Up Time
tSTART
From VEN
> VIH to
VOUT =
95% of
VOUT
VIN = 3.3V, VOUT = 1.8V,
COUT = 10F
35
60
80
s
VIN = 3.3V, VOUT = 1.8V,
COUT = 20F
60
80
120
VIN = 3.3V, VOUT = 2.9V,
COUT = 30F
130
175
240
VIN = 3.3V, VOUT = 2.9V,
COUT = 60F
250
340
450
VIN = 5V, VOUT = 3.3V,
COUT = 30F
140
180
250
VIN = 5V, VOUT = 3.3V,
COUT = 60F
270
350
480
EN Start-Up Delay Time
tEN_Delay
From VEN
> VIH to
VOUT =
0% of
VOUT
VIN = 3.3V, VOUT = 1.8V,
COUT = 10F
5
15
30
s
VIN = 3.3V, VOUT = 1.8V,
COUT = 20F
5
15
30
VIN = 3.3V, VOUT = 2.9V,
COUT = 30F
5
15
30
VIN = 3.3V, VOUT = 2.9V,
COUT = 60F
5
15
30
VIN = 5V, VOUT = 3.3V,
COUT = 30F
5
10
20
VIN = 5V, VOUT = 3.3V,
COUT = 60F
5
10
20
Output Noise Voltage
eNO
10kHz to 100kHz, IOUT = 200mA,
COUT = 1F
--
100
--
VRMS
Power Supply
Rejection Rate
f = 100Hz
PSRR
COUT = 1F, IOUT = 10mA
--
70
--
dB
f = 10kHz
--
50
--
Under Voltage Lockout
Threshold
VUVLO
VIN Rising
1.6
1.8
2
V
Under Voltage Lockout
Hysteresis
VUVLO
0.1
0.15
--
V
Current Limit
ILIM
RLOAD = 1
500
650
--
mA
Thermal Shutdown
Threshold
TSD
--
165
--
C
Hysteresis
TSD
--
30
--
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com