Electronic Components Datasheet Search
  English  ▼

X  

RT9065 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9065
Description  500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9065 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9065 Datasheet HTML 3Page - Richtek Technology Corporation RT9065 Datasheet HTML 4Page - Richtek Technology Corporation RT9065 Datasheet HTML 5Page - Richtek Technology Corporation RT9065 Datasheet HTML 6Page - Richtek Technology Corporation RT9065 Datasheet HTML 7Page - Richtek Technology Corporation RT9065 Datasheet HTML 8Page - Richtek Technology Corporation RT9065 Datasheet HTML 9Page - Richtek Technology Corporation RT9065 Datasheet HTML 10Page - Richtek Technology Corporation RT9065 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RT9065
9
DS9065-03 May 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT9065 requires input and output decoupling
capacitors. These capacitors must be correctly selected
for good performance and insufficient decoupling
capacitance may cause oscillation.
Input Capacitor
The value of input capacitor should be
≥ 2.2μF. The input
capacitor must be placed within 1cm from the device to
assure input stability. There are no requirements for the
ESR (equivalent series resistance) on the input capacitor,
but low-ESR ceramic capacitor with larger value provides
better PSRR and line transient response.
Output Capacitor
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR for the LDO
application. The RT9065 is designed specifically to work
with low-ESR ceramic output capacitor in consideration
of space-saving and performance. To ensure the stability,
the value of ceramic capacitor should be at least 1
μF and
ESR should be > 5m
Ω. The RT9065 can also work well
with other types of output capacitors. Figure 1 shows the
stable range of ESR as a function of load current for various
output capacitor values. Output capacitor with larger
capacitance can reduce noise and improve load transient
response, stability, and PSRR. The output capacitor should
be located no more than 0.5 inches from the VOUT pin.
Figure 1. Region of Stable COUT ESR
Adjustable Output Voltage
The output voltage is set by the ratio of two external
resistors as follow :
/

OUT
V
= 0.8 (1 R1 R2)
Bypass Capacitor and Low Noise
Connecting a 22nF capacitor between the BP pin and the
GND pin significantly reduces noise on the regulator
output, and it is critical that the capacitor should be placed
close to the IC and PCB traces should be as short as
possible. DC leakage on this pin can affect the LDO
regulator output noise and voltage regulation performance.
Enable Function
The RT9065 features an enable/disable function. The
enable control level must be greater than 1.2V to turn-on
the device. When the voltage on the EN pin falls below
0.4V, the LDO will be shut down and will reduce quiescent
current to less than 1
μA. If the enable function is not
needed in a specific application, it should be tied to VIN
to keep the LDO in a continuously on state.
Current Limit
The RT9065 contains an independent current limiter, which
monitors and controls the pass transistor's gate voltage,
limiting the output current to 0.65A (typ.). The output can
be shorted to ground without damaging the part.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
Region of Stable COUT ESR vs. Output Current
0.001
0.01
0.1
1
10
100
0
50
100 150 200 250 300 350 400 450 500
Output Current (mA)
Stable (Low)
Stable (High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com