Electronic Components Datasheet Search
  English  ▼

X  

RT9065 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9065
Description  500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9065 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9065 Datasheet HTML 1Page - Richtek Technology Corporation RT9065 Datasheet HTML 2Page - Richtek Technology Corporation RT9065 Datasheet HTML 3Page - Richtek Technology Corporation RT9065 Datasheet HTML 4Page - Richtek Technology Corporation RT9065 Datasheet HTML 5Page - Richtek Technology Corporation RT9065 Datasheet HTML 6Page - Richtek Technology Corporation RT9065 Datasheet HTML 7Page - Richtek Technology Corporation RT9065 Datasheet HTML 8Page - Richtek Technology Corporation RT9065 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9065
4
DS9065-03 May 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------------
−0.3V to 6V
Chip Enable Input Voltage, EN -----------------------------------------------------------------------------------------
−0.3V to 6V
Output Voltage, VOUT ---------------------------------------------------------------------------------------------------
−0.3V to 6V
Adjust Output, ADJ -------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
SOT-23-6 -------------------------------------------------------------------------------------------------------------------- 0.48W
Package Thermal Resistance (Note 2)
SOT-23-6,
θJA --------------------------------------------------------------------------------------------------------------- 208.2°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VIN = VOUT + 1V, CIN = 2.2
μF, COUT = 1μF, CBP =22nF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ADJ Reference Voltage
VADJ
VIN = 5V, IOUT = 100mA
0.788
0.8
0.812
V
Shutdown Current
ISHDN
VEN = GND
--
0.01
1
A
Quiescent Current
IQ
IOUT = 0mA
--
90
120
A
Dropout Voltage
VDROP
IOUT = 300mA
--
220
300
mV
IOUT = 500mA
--
370
500
Line Regulation
VLINE
VIN = (VOUT + 1V) to 5.5V, IOUT = 1mA
--
--
0.3
%
Load Regulation
VLOAD
1mA < IOUT < 500mA
--
--
0.6
%
EN Input Bias Current
IIBSD
VEN = GND or VIN
--
0
100
nA
EN Input
Voltage
Logic-High VIH
1.2
--
--
V
Logic-Low
VIL
--
--
0.4
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------------ 2.2V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com