Electronic Components Datasheet Search
  English  ▼

X  

RT9065 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9065
Description  500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9065 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9065 Datasheet HTML 3Page - Richtek Technology Corporation RT9065 Datasheet HTML 4Page - Richtek Technology Corporation RT9065 Datasheet HTML 5Page - Richtek Technology Corporation RT9065 Datasheet HTML 6Page - Richtek Technology Corporation RT9065 Datasheet HTML 7Page - Richtek Technology Corporation RT9065 Datasheet HTML 8Page - Richtek Technology Corporation RT9065 Datasheet HTML 9Page - Richtek Technology Corporation RT9065 Datasheet HTML 10Page - Richtek Technology Corporation RT9065 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT9065
8
DS9065-03 May 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Dropout Voltage vs. Output Current
0
50
100
150
200
250
300
350
0
100
200
300
400
500
Output Current (mA)
VIN = 2.2V, ILOAD = 0mA to 500mA
Time (200
μs/Div)
Load Transient Response
VOUT
(10mV/Div)
IOUT
(200mV/Div)
VIN = 2.2V, ILOAD = 0mA to 300mA
Time (200
μs/Div)
Load Transient Response
VOUT
(10mV/Div)
IOUT
(200mV/Div)
PSRR
0
10
20
30
40
50
60
70
80
90
10
100
1000
10000
100000
1000000
Frequency (Hz)
IOUT = 100mA
VOUT = 3.3V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VIN = 3V (By Battery), ILOAD = 10mA
Time (10ms/Div)
Noise
Noise
(100
μV/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com