Electronic Components Datasheet Search
  English  ▼

X  

RT9065 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9065
Description  500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9065 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9065 Datasheet HTML 1Page - Richtek Technology Corporation RT9065 Datasheet HTML 2Page - Richtek Technology Corporation RT9065 Datasheet HTML 3Page - Richtek Technology Corporation RT9065 Datasheet HTML 4Page - Richtek Technology Corporation RT9065 Datasheet HTML 5Page - Richtek Technology Corporation RT9065 Datasheet HTML 6Page - Richtek Technology Corporation RT9065 Datasheet HTML 7Page - Richtek Technology Corporation RT9065 Datasheet HTML 8Page - Richtek Technology Corporation RT9065 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9065
®
DS9065-03 May 2020
www.richtek.com
1
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Applications
CDMA/GSM Cellular Handsets
Battery Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand Held Instruments
PCMCIA Cards
Portable Information Appliances
500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
General Description
The RT9065 is designed for portable RF and wireless
applications with demanding performance and space
requirements. The RT9065 performance is optimized for
battery powered systems to deliver ultra low noise and
low quiescent current. A noise bypass pin is available for
further reduction of output noise. Regulator ground current
increases only slightly in dropout, further prolonging the
battery life. The RT9065 also works with low-ESR ceramic
capacitors, reducing the amount of board space necessary
for power applications, critical in hand held wireless
devices. The RT9065 consumes less than 0.01
μA in
shutdown mode. The other features include low dropout
voltage, high output accuracy, current limiting protection,
and high ripple rejection ratio. The RT9065 is available in
the SOT-23-6 package.
Simplified Application Circuit
Features
Ultra-Low-Noise for RF Application
Ultra-Fast Response in Line/Load Transient
0.01
μμμμμA Shutdown Current
Low Dropout : 370mV @ 500mA
Wide Input Voltage Range : 2.2V to 5.5V
Adjustable Output Voltage
TTL Logic Controlled Shutdown Input
Low Temperature Coefficient
Current Limiting Protection
Thermal Shutdown Protection
Only 1
μμμμμF Output Capacitor Required for Stability
High Power Supply Rejection Ratio
RoHS Compliant and Halogen Free
Ordering Information
Note :
Richtek products are :
 RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
 Suitable for use in SnPb or Pb-free soldering processes.
Package Type
E : SOT-23-6
RT9065
Lead Plating System
G : Green (Halogen Free and Pb Free)
Marking Information
Chip Enable
RT9065
VOUT
R1
R2
COUT
VOUT
ADJ
GND
VIN
CIN
VIN
EN
CBP
BP
0B=DNN
0B= : Product Code
DNN : Date Code


Similar Part No. - RT9065

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9069 RICHTEK-RT9069 Datasheet
662Kb / 15P
The RT9069 is a low-dropout
RT9069-50GX5 RICHTEK-RT9069-50GX5 Datasheet
662Kb / 15P
The RT9069 is a low-dropout
RT9069-C0GB RICHTEK-RT9069-C0GB Datasheet
662Kb / 15P
The RT9069 is a low-dropout
More results

Similar Description - RT9065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735 TI-TPS735 Datasheet
586Kb / 16P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
Linear Technology
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Texas Instruments
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
Linear Technology
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com