Electronic Components Datasheet Search
  English  ▼

X  

SST55LD019C Datasheet(PDF) 29 Page - Silicon Storage Technology, Inc

Part # SST55LD019C
Description  ATA Flash Disk Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019C Datasheet(HTML) 29 Page - Silicon Storage Technology, Inc

Back Button SST55LD019C Datasheet HTML 25Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 26Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 27Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 28Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 29Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 30Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 31Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 32Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 33Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
Data Sheet
ATA Flash Disk Controller
SST55LD019A / SST55LD019B / SST55LD019C
©2006 Silicon Storage Technology, Inc.
S71241-04-000
12/06
29
11.2.1.6.1 Word 0: General Configuration
This field informs the host that this is a non-magnetic, hard sectored, removable storage device with a
transfer rate greater than 10 MByte/sec and is not MFM encoded.
11.2.1.6.2 Word 1: Default Number of Cylinders
This field contains the number of translated cylinders in the default translation mode. This value will be
the same as the number of cylinders.
11.2.1.6.3 Word 3: Default Number of Heads
This field contains the number of translated heads in the default translation mode.
11.2.1.6.4 Word 6: Default Number of Sectors per Track
This field contains the number of sectors per track in the default translation mode.
11.2.1.6.5 Word 7-8: Number of Sectors
This field contains the number of sectors per ATA Flash Disk Controller. This double word value is also
the first invalid address in LBA translation mode. This field is only required by CF feature set support.
11.2.1.6.6 Word 10-19: Serial Number
The contents of this field are right justified and padded with spaces (20H). The right-most ten bytes are
a SST preset, unique ID. The left-most ten bytes are a user-programmable value with a default value of
spaces.
11.2.1.6.7 Word 20: Buffer Type
This field defines the buffer capability:
0002H: a dual ported multi-sector buffer capable of simultaneous data transfers to or from the host and
the ATA Flash Disk Controller.
11.2.1.6.8 Word 21: Buffer Size
This field defines the buffer capacity in 512 Byte increments. SST’s ATA Flash Disk Controller has up to
2 sector data buffer for host interface.
11.2.1.6.9 Word 22: ECC Count
This field defines the number of ECC bytes used on each sector in the Read- and Write-Long-Sector
commands.
90
xxxxH
2
Time required for enhanced security erase unit completion
91
xxxxH
2
Current advanced power management value
92-127
0000H
72
Reserved
128
xxxxH
2
Security Status
129-159
0000H
62
Vendor unique bytes
160
xxxxH
2
CFA power mode description
161-255
0000H
190
Reserved
T11-4.3 1241
1. bbbb - default value set by controller. The selections could be user programmable.
2. n - calculated data based on product configuration
3. eeee - the default value is 2020H
4. dddd - unique number of each device
5. aaaa - any unique SST firmware revision
6. cccc - default value is “xxxMB ATA Flash Disk” where xxx is the flash drive capacity.
The user has an option to change the model number during manufacturing.
TABLE11-4:Identify-Drive Information
Word
Address
Default
Value
Total
Bytes
Data Field Type Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com