Electronic Components Datasheet Search
  English  ▼

X  

SST55LD019C Datasheet(PDF) 36 Page - Silicon Storage Technology, Inc

Part # SST55LD019C
Description  ATA Flash Disk Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019C Datasheet(HTML) 36 Page - Silicon Storage Technology, Inc

Back Button SST55LD019C Datasheet HTML 32Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 33Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 34Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 35Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 36Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 37Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 38Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 39Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 40Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
36
Data Sheet
ATA Flash Disk Controller
SST55LD019A / SST55LD019B / SST55LD019C
©2006 Silicon Storage Technology, Inc.
S71241-04-000
12/06
11.2.1.6.34 Word 160: CFA Power Mode Description
This word indicates the presence and status of a CFA feature set device that supports CFA power mode 1.
Bit
Function
13
Power Level 1 Command Support
1: Power Level 1 commands not supported
0: Power Level 1 commands supported
12
Power Level 1 Command Enable
1: Power Level 1 Commands not enabled
0: Power Level 1 Commands enabled
11-0
This field indicates the maximum average RMS current in mA required during 3.3V or 5V
device operation in CFA power mode 1.
11.2.1.7 Idle - 97H or E3H
This command causes the ATA Flash Disk Controller to set BSY, enter the Idle mode, clear BSY and
generate an interrupt. If the sector count is non-zero, it is interpreted as a timer count with each count
being 5 milliseconds and the automatic Power-down mode is enabled. If the sector count is zero, the
automatic Power-down mode is also enabled, the timer count is set to 3, with each count being 5 ms.
Note that this time base (5 msec) is different from the ATA specification.
11.2.1.8 Idle-Immediate - 95H or E1H
This command causes the ATA Flash Disk Controller to set BSY, enter the Idle mode, clear BSY and
generate an interrupt.
Bit ->
76543210
Command (7)
97H or E3H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Timer Count (5 msec increments)
Feature (1)
X
Bit ->
76543210
Command (7)
95H or E1H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com