Electronic Components Datasheet Search
  English  ▼

X  

SST55LD019C Datasheet(PDF) 52 Page - Silicon Storage Technology, Inc

Part # SST55LD019C
Description  ATA Flash Disk Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019C Datasheet(HTML) 52 Page - Silicon Storage Technology, Inc

Back Button SST55LD019C Datasheet HTML 48Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 49Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 50Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 51Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 52Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 53Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 54Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 55Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 56Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 79 page
background image
52
Data Sheet
ATA Flash Disk Controller
SST55LD019A / SST55LD019B / SST55LD019C
©2006 Silicon Storage Technology, Inc.
S71241-04-000
12/06
11.2.1.28.2 Set-Max-Set-Password
F9H with the content of the Features register equal to 01H.
This command requests a transfer of a single sector of data from the host. Table 11-1 defines the
content of this sector of information. The password is retained by the device until the next power cycle.
When the device accepts this command, the device is in Set_Max_Locked state.
If this command is immediately preceded by a Read-Native-Max-Address command, it will be
interpreted as a Set-Max-Address command.
11.2.1.28.3 Set-Max-Lock
F9H with the content of the Features register equal to 02H.
The Set-Max-Lock command sets the device into Set_Max_Locked state. After this command is
completed, any other Set-Max commands except Set-Max-Unlock and Set-Max-Freeze-Lock are
rejected. The device remains in this state until a power cycle or the acceptance of a Set-Max-Unlock or
Set-Max-Freeze-Lock command.
If this command is immediately preceded by a Read-Native-Max-Address command, it will be
interpreted as a Set-Max-Address command.
Bit ->
76543210
Command (7)
F9H
C/D/H (6)
XDrive
N/A
Cyl High (5)
N/A
Cyl Low (4)
N/A
Sec Num (3)
N/A
Sec Cnt (2)
N/A
Feature (1)
01H
TABLE11-13:Set-Max-Set-Password Data Content
Word
Content
0
Reserved
1-16
Password (32 Bytes)
17-255
Reserved
T11-13.0 1241
Bit ->
76543210
Command (7)
F9H
C/D/H (6)
XDrive
N/A
Cyl High (5)
N/A
Cyl Low (4)
N/A
Sec Num (3)
N/A
Sec Cnt (2)
N/A
Feature (1)
02H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com