Electronic Components Datasheet Search
  English  ▼

X  

SST55LD019C Datasheet(PDF) 45 Page - Silicon Storage Technology, Inc

Part # SST55LD019C
Description  ATA Flash Disk Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019C Datasheet(HTML) 45 Page - Silicon Storage Technology, Inc

Back Button SST55LD019C Datasheet HTML 41Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 42Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 43Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 44Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 45Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 46Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 47Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 48Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 49Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
Data Sheet
ATA Flash Disk Controller
SST55LD019A / SST55LD019B / SST55LD019C
©2006 Silicon Storage Technology, Inc.
S71241-04-000
12/06
45
11.2.1.24 Security-Set-Password - F1H
This command requests a transfer of a single sector of data from the host. Table 11-7 defines the
content of the sector of information. The data transferred controls the function of this command.
Table 11-8 defines the interaction of the identifier and security level bits.
Bit ->
76543210
Command (7)
F1H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
TABLE11-7:Security Password Data Content
Word
Content
0
Control Word
Bit 0: Identifier
0: Compare User Password
1: Compare Master Password
Bit 1-15: Reserved
1-16
Password
(32 Bytes)
17-256
Reserved
T11-7.0 1241
TABLE11-8:Identifier and Security Level Bit Interaction
Identifier Level
Command result
User
High
The password supplied with the command is saved as the new User password. The lock
mode will be enabled from the next Power-on or hardware reset. The
ATA Flash Disk
Controller will then be unlocked by either the User password or the previously set Master
password.
User
Maximum The password supplied with the command is saved as the new user password. The Lock
mode will be enabled from the next Power-on reset or hardware reset. The
ATA Flash
Disk Controller will then be unlocked by only the User password. The Master password
previously set is still stored in the
ATA Flash Disk Controller will not be used to unlock
the
ATA Flash Disk Controller.
Master
High or
Maximum
This combination sets a Master password but does not enable or disable the Lock mode.
The security level is not changed.
T11-8.0 1241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com