| Electronic Components Datasheet Search |
|
SST55LD019C Datasheet(PDF) 34 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST55LD019C Datasheet(HTML) 34 Page - Silicon Storage Technology, Inc |
|
34 / 79 page ![]() 34 Data Sheet ATA Flash Disk Controller SST55LD019A / SST55LD019B / SST55LD019C ©2006 Silicon Storage Technology, Inc. S71241-04-000 12/06 11.2.1.6.29 Words 85-87: Features/command sets enabled Words 85, 86, and 87 indicate features/command sets enabled. The host can enable/disable the features or command set only if they are supported in Words 82-84. Word 85 Bit Function 15 0: Obsolete 14 0: NOP command is not enabled 1: NOP command is enabled 13 0: Read Buffer command is not enabled 1: Read Buffer command is enabled 12 0:Write Buffer command is not enabled 1: Write Buffer command is enabled 11 0: Obsolete 10 0: Host Protected Area feature set is not enabled 9 0: Device Reset command is not enabled 8 0: Service interrupt is not enabled 7 0: Release interrupt is not enabled 6 0: Look-ahead is not enabled 1: Look-ahead is enabled 5 0: Write cache is not enabled 1: Write cache is enabled 4 0: Packet Command feature set is not enabled 3 0: Power Management feature set is not enabled 1: Power Management feature set is enabled 2 0: Removable Media feature set is not enabled 1 0: Security Mode feature set has not been enabled via the Security Set Password command 1: Security Mode feature set has been enabled via the Security Set Password command 0 0: SMART feature set is not enabled Word 86 Bit Function 15-9 0: Reserved 8 1: Set-Max security extension supported 7-5 0: Reserved 4 0: Removable Media Status feature set is not enabled 3 0: Advanced Power Management feature set is not enabled via the Set Features command 1: Advanced Power Management feature set is enabled via the Set Features command 2 1: CFA feature set is enabled 1 0: Read DMA Queued and Write DMA Queued commands are not enabled 0 0: Download Microcode command is not enabled Word 87 The values in this word should not be depended on by host implementers. Bit Function 15 0: Provides indication that the features/command sets supported words are valid 14 1: Provides indication that the features/command sets supported words are valid 13-0 0: Reserved |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |