Electronic Components Datasheet Search
  English  ▼

X  

SST55LD019C Datasheet(PDF) 12 Page - Silicon Storage Technology, Inc

Part # SST55LD019C
Description  ATA Flash Disk Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019C Datasheet(HTML) 12 Page - Silicon Storage Technology, Inc

Back Button SST55LD019C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 9Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 10Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 11Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 12Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 13Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 14Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 15Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 16Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
12
Data Sheet
ATA Flash Disk Controller
SST55LD019A / SST55LD019B / SST55LD019C
©2006 Silicon Storage Technology, Inc.
S71241-04-000
12/06
Serial Communication Interface (SCI)
SCIDOUT
79
J2
A9
O
O4
SCI interface data output
SCIDIN
78
K2
C8
I
I3U
SCI interface data input
SCICLK
77
K1
C9
I
I3U
SCI interface clock
External Clock Option
FCE7#/
INTCLKEN
26
C9
J1
I/O
I3D/O4
Active Low Flash Media Chip Enable pin
This pin is sensed during the Power-on Reset (POR) to select
an Internal Clock mode. If this pin is pulled up during the
Power-on Reset then the Internal Clock is selected.
EXTCLKIN
100
J8
B3
I
I4Z
External Clock source input pin
EXTCLKOUT
99
K9
A3
O
O4
External Clock source output pin
Miscellaneous
VSS (IO)
2
12
27
36
64
74
90
98
A2
A6
A10
D4
E1
E10
H1
J10
K5
K8
D7, G4
PWR
Ground for I/O
VSS (Core)
25
51
A1
B10
G7
PWR
Ground for Core
VDD (IO)
38
87
B6
K4
K4
PWR
VDD (3.3V)
VDD (Core)
76
J1
B9
PWR
VDD (3.3V)
VDDQ (IO)
7
69
F1
G10
B1
PWR
VDDQ (5V/3.3V) for Host interface
POR#
50
B3
H7
I
Analog
Input2
Power-on Reset (POR). Active Low
TIE_DN
13
D1
Pins need to be connected to VSS.
TABLE
3-1: Pin Assignments (Continued) (3 of 4)
Symbol
Pin No.
Pin
Type
I/O
Type1
Name and Functions
100-TQFP
85-
VFBGA
84-
TFBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com