Electronic Components Datasheet Search
  English  ▼

X  

MP2696B Datasheet(PDF) 18 Page - MPS Industries, Inc.

Part # MP2696B
Description  I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2696B Datasheet(HTML) 18 Page - MPS Industries, Inc.

Back Button MP2696B Datasheet HTML 14Page - MPS Industries, Inc. MP2696B Datasheet HTML 15Page - MPS Industries, Inc. MP2696B Datasheet HTML 16Page - MPS Industries, Inc. MP2696B Datasheet HTML 17Page - MPS Industries, Inc. MP2696B Datasheet HTML 18Page - MPS Industries, Inc. MP2696B Datasheet HTML 19Page - MPS Industries, Inc. MP2696B Datasheet HTML 20Page - MPS Industries, Inc. MP2696B Datasheet HTML 21Page - MPS Industries, Inc. MP2696B Datasheet HTML 22Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MP2696B
– SW CHARGER WITH I2C CONTROL, BOOST OUTPUT
MP2696B Rev. 1.0
MonolithicPower.com
18
4/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
USB2 Plug-In Detection
If the USB2_EN_PLUG bit is enabled in
standby mode, the SYS voltage (VSYS) is pulled
up to the BATT voltage (VBATT). After VSYS
reaches 90% of VBATT, detection starts. Once
VSYS drops to 75% of VBATT, the USB2 plug-in is
detected, the USB2_PLUG_IN bit is set to 1,
and an INT pulse is generated.
The host can respond to the interrupt signal and
enable boost mode Q2.
The host must clear the USB2_PLUG_IN bit,
and toggle the USB2_EN_PLUG bit for the next
detection.
Note
that
writing
1
to
the
USB2_PLUG_IN bit clears it to 0.
No-Load Detection
During boost or pass-through operation, the Q2
current is monitored. If the Q2 current is below
the value set by NOLOAD_THR, bits[1:0], the
NO_LOAD bit is set to 1, and an INT pulse is
generated. The host can monitor the NO_LOAD
bit to decide whether boost mode or Q2 must
be turned off.
Thermal Shutdown
The IC continuously monitors the internal
junction
temperature
to
maximize
power
delivery and avoid overheating the chip. If the
junction
temperature
reaches
150°C,
the
converter
shuts
down.
If
the
junction
temperature drops to 120°C, normal operation
resumes.
Battery Current Analog Output
The device has an IB pin to obtain the real-time
battery current value in both charge and boost
mode. The voltage at IB is a fraction of the
battery current. The IB pin indicates the current
flowing in and out of the battery during charge
and boost mode.
With a 10m
Ω current-sense resistor. calculate
the voltage at IB for charge mode and boost
mode with Equation (4) and Equation (5),
respectively:
VIB = ICHG x 0.35(V)
(4)
VIB = IDSCHG x 0.16(V)
(5)
Note that scaling the current-sense resistor also
scales the gain of IB.
Idle Mode
When the input power source is not present and
boost mode is disabled, the IC goes into idle
mode. In idle mode, all the MOSFETs and most
of the internal circuits are turned off to minimize
leakage and extend the battery run time.
SYS DP/DM Signaling
Initially, the DP and DM pins are biased at 2.7V
with an internal resistance of 30k
Ω for non-
standard adapter imitation.
If the DP or DM pin is out of the 2.1V to 2.9V
range for 10ms in DCP mode, the 2.7V
reference is disconnected, and DP and DM are
tied together with a 100
Ω resistor.
If DP stays below 0.35V for 2 seconds in DCP
mode, the IC returns to non-standard adapter
mode with DP/DM biased at 2.7V.
Series Interface
The IC uses an I2C-compatible interface for
flexible
charging
parameter
setting
and
instantaneous device status reporting. I2C is a
2-wire serial interface with two bus lines
required: a serial data line (SDA) and a serial
clock line (SCL). Both SDA and SCL lines are
open drain and must be connected to the
positive supply voltage via a pull-up resistor.
The IC operates as a slave device, receiving
control inputs from the master device such as a
microcontroller. The SCL line is always driven
by
the
master
device.
The
I2C
interface
supports both standard mode (up to 100kb/s),
and fast mode (up to 400kb/s).
All transactions begin with a start (S) condition
and are terminated by a stop (P) condition. The
start and stop conditions are always generated
by the master. A high to low transition on the
SDA line while SCL is high defines a start
condition. A low to high transition on the SDA
line when the SCL is high defines a stop
condition (see Figure 6).
SDA
SCL
Start (S)
Stop (P)
Figure 6: Start and Stop Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com