Electronic Components Datasheet Search
  English  ▼

X  

MP2696B Datasheet(PDF) 28 Page - MPS Industries, Inc.

Part # MP2696B
Description  I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2696B Datasheet(HTML) 28 Page - MPS Industries, Inc.

Back Button MP2696B Datasheet HTML 24Page - MPS Industries, Inc. MP2696B Datasheet HTML 25Page - MPS Industries, Inc. MP2696B Datasheet HTML 26Page - MPS Industries, Inc. MP2696B Datasheet HTML 27Page - MPS Industries, Inc. MP2696B Datasheet HTML 28Page - MPS Industries, Inc. MP2696B Datasheet HTML 29Page - MPS Industries, Inc. MP2696B Datasheet HTML 30Page - MPS Industries, Inc. MP2696B Datasheet HTML 31Page - MPS Industries, Inc. MP2696B Datasheet HTML 32Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
MP2696B
– SW CHARGER WITH I2C CONTROL, BOOST OUTPUT
MP2696B Rev. 1.0
MonolithicPower.com
28
4/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OTP MAP
#
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
0x02
N/A
BATT_REG: 3.6V to 4.45V
N/A
N/A
N/A
N/A
0x07
NOLOAD_THR
N/A
NTC_STOP
VIN_OVP
N/A
N/A
N/A
0x0A
TMR
N/A
N/A
N/A
VPRE
N/A
N/A
N/A
OTP DEFAULT
OTP Items
Default
BATT_REG, bits[2:0]
4.2V
NOLOAD_THR, bits[1:0]
30mA
NTC_STOP
1: Suspend the charge and boost operation if NTC is
outside its threshold
VIN_OVP
0: VIN_OVP = 6V
TMR
0: The charge timer is 20hrs
VPRE
0: The pre-charge threshold is 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com