Electronic Components Datasheet Search
  English  ▼

X  

MP2696B Datasheet(PDF) 25 Page - MPS Industries, Inc.

Part # MP2696B
Description  I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2696B Datasheet(HTML) 25 Page - MPS Industries, Inc.

Back Button MP2696B Datasheet HTML 21Page - MPS Industries, Inc. MP2696B Datasheet HTML 22Page - MPS Industries, Inc. MP2696B Datasheet HTML 23Page - MPS Industries, Inc. MP2696B Datasheet HTML 24Page - MPS Industries, Inc. MP2696B Datasheet HTML 25Page - MPS Industries, Inc. MP2696B Datasheet HTML 26Page - MPS Industries, Inc. MP2696B Datasheet HTML 27Page - MPS Industries, Inc. MP2696B Datasheet HTML 28Page - MPS Industries, Inc. MP2696B Datasheet HTML 29Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
MP2696B
– SW CHARGER WITH I2C CONTROL, BOOST OUTPUT
MP2696B Rev. 1.0
MonolithicPower.com
25
4/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
REG06h
An interrupt is asserted if any bit in REG 06h changes.
Bit
Name
POR
Reset by
REG_RST
R/W
Description
Comment
7
BATT_UVLO
0
Y
R
0: No battery under-voltage
lockout (UVLO) has occurred
1: Battery UVLO has occurred
If the battery reaches the
under-voltage
lockout
(UVLO) threshold, this bit is
set to 1. This bit is reset to 0
once the battery is charged
again.
6
SYS_SHORT
0
Y
R
0: Normal
1: A SYS short circuit has
occurred
5
BST_LMT
0
Y
R
0: Normal
1: Boost mode works in the Q2
current limit
4
CHG_FAULT[1]
0
Y
R
00: Normal operation
01: A USB1 under-voltage (UV)
condition has occurred
10: A USB1 over-voltage (OV)
condition has occurred
11: The safety timer has expired
3
CHG_FAULT[0]
0
Y
R
2
NTC_FAULT[2]
0
Y
R
000: Normal
001: Warm
010: Cool
011: Cold
100: Hot
1
NTC_FAULT[1]
0
Y
R
0
NTC_FAULT[0]
0
Y
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com