Electronic Components Datasheet Search
  English  ▼

X  

MP2696B Datasheet(PDF) 19 Page - MPS Industries, Inc.

Part # MP2696B
Description  I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2696B Datasheet(HTML) 19 Page - MPS Industries, Inc.

Back Button MP2696B Datasheet HTML 15Page - MPS Industries, Inc. MP2696B Datasheet HTML 16Page - MPS Industries, Inc. MP2696B Datasheet HTML 17Page - MPS Industries, Inc. MP2696B Datasheet HTML 18Page - MPS Industries, Inc. MP2696B Datasheet HTML 19Page - MPS Industries, Inc. MP2696B Datasheet HTML 20Page - MPS Industries, Inc. MP2696B Datasheet HTML 21Page - MPS Industries, Inc. MP2696B Datasheet HTML 22Page - MPS Industries, Inc. MP2696B Datasheet HTML 23Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
MP2696B
– SW CHARGER WITH I2C CONTROL, BOOST OUTPUT
MP2696B Rev. 1.0
MonolithicPower.com
19
4/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
For data validity, the data on the SDA line must
be stable during the high period of the clock.
The high or low state of the SDA line can only
change when the clock signal on the SCL line is
low. Every byte on the SDA line must be 8 bits
long. The number of bytes to be transmitted per
transfer is unrestricted. Data is first transferred
with the most significant bit (MSB) (see Figure
7).
Data line
stable
Data valid
Change
of data
allowed
SDA
SCL
Figure 7: Bit Transfer on the I2C Bus
Each
byte
has
to
be
followed
by
an
acknowledge (ACK) bit, which is generated by
the receiver, to signal to the transmitter that the
byte was successfully received.
The ACK signal is defined as follows: the
transmitter releases the SDA line during the
acknowledge clock pulse so the receiver can
pull the SDA line low. The SDA line remains low
during the high period of the ninth clock.
If SDA line is high during the ninth clock, this is
defined as the not acknowledge (NACK) signal.
The master can then generate either a stop
condition to abort the transfer or a repeated
start (Sr) condition to start a new transfer.
After the start signal is received, a slave
address is sent. This address is 7 bits long,
followed by the eighth bit as a data direction bit
(bit R/W). A zero indicates a transmission
(write), and a one indicates a request for data
(read).
Figure
8
shows
the
address
bit
arrangement.
MSB
LSB
R/W
Slave Address
Figure 8: 7-Bit Address
See Figure 9 through Figure 13 for detailed
signal sequences.
SDA
SCL
Start or
Repeated
Start
MSB
Acknowledgement
signal from slave
1
2
7
8
9
ACK
1
2
8
9
ACK
Acknowledgement
signal from receiver
Stop or
Repeated
Start
Figure 9: Data Transfer on the I2C Bus
1
7
1
1
8
1
8
1
1
S
Slave Address
0
ACK
Reg Address
ACK
Data Address
ACK
P
Figure 10: Single Write
1
7
1
1
8
1
8
1
1
S
Slave Address
0
ACK
Reg Address
ACK
Data
NACK
P
1
7
1
1
S
Slave Address
1
ACK
Figure 11: Single Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com