Electronic Components Datasheet Search
  English  ▼

X  

MP2696B Datasheet(PDF) 30 Page - MPS Industries, Inc.

Part # MP2696B
Description  I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2696B Datasheet(HTML) 30 Page - MPS Industries, Inc.

Back Button MP2696B Datasheet HTML 26Page - MPS Industries, Inc. MP2696B Datasheet HTML 27Page - MPS Industries, Inc. MP2696B Datasheet HTML 28Page - MPS Industries, Inc. MP2696B Datasheet HTML 29Page - MPS Industries, Inc. MP2696B Datasheet HTML 30Page - MPS Industries, Inc. MP2696B Datasheet HTML 31Page - MPS Industries, Inc. MP2696B Datasheet HTML 32Page - MPS Industries, Inc. MP2696B Datasheet HTML 33Page - MPS Industries, Inc. MP2696B Datasheet HTML 34Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
MP2696B
– SW CHARGER WITH I2C CONTROL, BOOST OUTPUT
MP2696B Rev. 1.0
MonolithicPower.com
30
4/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Compensate the Current-Sense Resistor
The soldering tin has resistance. For a 10m
Ω
resistor
soldered
on
the
PCB,
the
total
resistance
between
the
resistor
pads
is
between 11m
Ω and 12mΩ.
One method to compensate for this resistance
consists of applying a resistor divider to the
CSP/BATT pins (see Figure 15).
SW
BATT
MP2696B
L1
CBATT
RS1
CSP
10
Ω
R1
Figure 15: Current-Sense Compensation
After the PCB is assembled, apply a 2A DC
current
source
between
SW
and
BATT.
Measure the voltage drop across the current-
sense resistor on its PCB pads (VCS). Calculate
R1 with Equation (12):

CS
V
2 RS1
R1
10
2 RS1
(12)
PCB Layout Guidelines
Efficient PCB layout is critical to meet specified
noise, efficiency, and stability requirements. For
the best results, follow the guidelines below:
1. Place the PMID capacitor as close as
possible to the PMID and PGND pins using
a short copper plane connection. Place the
PMID capacitor on the same layer as the IC.
2. Minimize the high-frequency current path
loop between the PMID capacitor and the
switching power MOSFETs (PMID pin to
capacitor, capacitor to PGND pin).
3.
Connect the IC’s power pin to as many
copper planes as possible to conduct heat
away from the IC.
4. Place decoupling capacitors (e.g. the VCC
pin capacitor) as close as possible to the IC
pins, and make the connection as short as
possible.
5. Ensure the number and physical size of the
vias is sufficient for a current path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com