Electronic Components Datasheet Search
  English  ▼

X  

MP2696B Datasheet(PDF) 26 Page - MPS Industries, Inc.

Part # MP2696B
Description  I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2696B Datasheet(HTML) 26 Page - MPS Industries, Inc.

Back Button MP2696B Datasheet HTML 22Page - MPS Industries, Inc. MP2696B Datasheet HTML 23Page - MPS Industries, Inc. MP2696B Datasheet HTML 24Page - MPS Industries, Inc. MP2696B Datasheet HTML 25Page - MPS Industries, Inc. MP2696B Datasheet HTML 26Page - MPS Industries, Inc. MP2696B Datasheet HTML 27Page - MPS Industries, Inc. MP2696B Datasheet HTML 28Page - MPS Industries, Inc. MP2696B Datasheet HTML 29Page - MPS Industries, Inc. MP2696B Datasheet HTML 30Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
MP2696B
– SW CHARGER WITH I2C CONTROL, BOOST OUTPUT
MP2696B Rev. 1.0
MonolithicPower.com
26
4/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
REG07h
Bit
Name
POR
Reset by
REG_RST
R/W
Description
Comment
7
NOLOAD_
THR[1]
0
Y
R/W
00: 30mA
01: 50mA
10: 75mA
11: 100mA
These bits set the SYS no
load current threshold. This bit
is set to 00 by default.
6
NOLOAD_
THR[0]
0
Y
R/W
5
BATT_OVP
0
Y
R
0: The battery is operating
normally
1: Battery over-voltage
protection (OVP) has occurred
4
NTC_STOP
1
Y
R/W
0: Only report in the register if
NTC is outside its threshold
1: Suspend the charge and
boost operation if NTC is
outside its threshold
3
VIN_OVP
0
Y
R/W
0: 6V
1: 11V
This bit sets the VIN over-
voltage
protection
(OVP)
threshold.
2
SW_FREQ
0
Y
R/W
0: 700kHz
1: 1200kHz
This bit is set to 0 by default.
1
BST_IPK[1]
1
Y
R/W
00: 5A
01: 5.5A
10: 6A
11: 6.5A
These bits set the low-side
switch peak current limit in
boost mode. These bits are
set to 11 by default.
0
BST_IPK[0]
1
Y
R/W
REG08h
Bit
Name
POR
Reset by
REG_RST
R/W
Description
Comment
7
JEITA_VSET
1
Y
R/W
0: VBATT_REG - 100mV
1: VBATT_REG - 200mV
This bit is set to 1 by default.
6
JEITA_ISET
1
Y
R/W
0: 14.3% of ICC
1: 50% of ICC
This bit is set to 1 by default.
5
VHOT
1
Y
R/W
0: 34%
1: 36%
This bit sets the hot threshold.
This bit is set to 1 by default.
4
VWARM[1]
0
Y
R/W
00: 44%
01: 40%
10: 38%
11: 36%
These bits sets the warm
threshold. These bits are set
to 01 by default.
3
VWARM[0]
1
Y
R/W
2
VCOOL[1]
1
Y
R/W
00: 72%
01: 68%
10: 64%
11: 60%
These
bit
sets
the
cool
threshold. These bit are set to
11 by default.
1
VCOOL[0]
1
Y
R/W
0
VCOLD
0
Y
R/W
0: 72%
1: 68%
This
bit
sets
the
cold
threshold. This bit is set to 0
by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com