Electronic Components Datasheet Search
  English  ▼

X  

MP2696B Datasheet(PDF) 22 Page - MPS Industries, Inc.

Part # MP2696B
Description  I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2696B Datasheet(HTML) 22 Page - MPS Industries, Inc.

Back Button MP2696B Datasheet HTML 18Page - MPS Industries, Inc. MP2696B Datasheet HTML 19Page - MPS Industries, Inc. MP2696B Datasheet HTML 20Page - MPS Industries, Inc. MP2696B Datasheet HTML 21Page - MPS Industries, Inc. MP2696B Datasheet HTML 22Page - MPS Industries, Inc. MP2696B Datasheet HTML 23Page - MPS Industries, Inc. MP2696B Datasheet HTML 24Page - MPS Industries, Inc. MP2696B Datasheet HTML 25Page - MPS Industries, Inc. MP2696B Datasheet HTML 26Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
MP2696B
– SW CHARGER WITH I2C CONTROL, BOOST OUTPUT
MP2696B Rev. 1.0
MonolithicPower.com
22
4/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
REG00h
Bit
Name
POR
Reset by
REG_RST
R/W
Description
Comment
7
REG_RST
0
Y
R/W
0: Keep current settings
1: Reset
This bit resets all registers to
their default values. After a
reset, this bit returns to 0
automatically.
6
EN_TIMER
1
Y
R/W
0: Disabled
1: Enabled
This bit enables the charge
safety timer control. This bit
is set to 1 by default.
5
VINMIN[2]
1
Y
R/W
200mV
These
bits
regulate
the
dynamic input voltage. They
have a 4.45V offset, range
between 4.45V and 4.8V,
and
are
set
to
200mV
(4.65V) by default.
4
VINMIN[1]
0
Y
R/W
100mV
3
VINMIN[0]
0
Y
R/W
50mV
2
IINLIM[2]
0
Y
R/W
000: 500mA
001: 1000mA
010: 1500mA
011: 1800mA
100: 2100mA
101: 2400mA
110: 3000mA
111: 3500mA
These
bits
set
the
input
current limit. They are set to
500mA by default.
1
IINLIM[1]
0
Y
R/W
0
IINLIM[0]
0
Y
R/W
REG01h
Bit
Name
POR
Reset by
REG_RST
R/W
Description
Comment
7
ICC[4]
0
Y
R/W
1600mA
These bits set the charge
current for a
10mΩ sensing
resistor. They have a 500mA
offset,
range
between
500mA and 3.6A, and are set
to 1A by default. A scaling
sense resistor scales the sett
value at the same ratio.
6
ICC[3]
0
Y
R/W
800mA
5
ICC[2]
1
Y
R/W
400mA
4
ICC[1]
0
Y
R/W
200mA
3
ICC[0]
1
Y
R/W
100mA
2
EN_NTC
1
Y
R/W
0: Disabled
1: Enabled
This bit is set to 1 by default.
1
IPRE[1]
0
Y
R/W
01: 150mA
10: 250mA
11: 350mA
These bits set the pre-charge
current with a
10mΩ sensing
resistor. These bits range
between 150mA and 350mA,
with a 150mA default.
0
IPRE[0]
1
Y
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com