Electronic Components Datasheet Search
  English  ▼

X  

MPM3650 Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MPM3650
Description  2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3650 Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MPM3650 Datasheet HTML 1Page - MPS Industries, Inc. MPM3650 Datasheet HTML 2Page - MPS Industries, Inc. MPM3650 Datasheet HTML 3Page - MPS Industries, Inc. MPM3650 Datasheet HTML 4Page - MPS Industries, Inc. MPM3650 Datasheet HTML 5Page - MPS Industries, Inc. MPM3650 Datasheet HTML 6Page - MPS Industries, Inc. MPM3650 Datasheet HTML 7Page - MPS Industries, Inc. MPM3650 Datasheet HTML 8Page - MPS Industries, Inc. MPM3650 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MPM3650
– 6A, 17V, 6A, 1.2MHz, STEP-DOWN POWER MODULE WITH DCM
MPM3650 Rev. 1.1
MonolithicPower.com
4
9/17/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2, 3, 4,
5, 24
PGND
System ground. The PGND pin is the regulated output voltage
’s (VOUT’s) reference
ground. Careful consideration must be taken when designing the PCB layout. Connect
PGND to ground with multiple copper pours and vias.
6
VCC
Internal bias supply output.
7, 8, 13,
14, 23
SW
Switch output. Float the SW pins.
9, 10, 11,
12
OUT
Output pin. Connect the OUT pin to the output capacitor (COUT).
15
BST
Bootstrap. Float the BST pin.
16
EN
Enable. Pull the EN pin high to turn the part on; float EN to turn it off. EN is pulled to AGND
via an internal 1.2MΩ pull-down resistor (REN_PD).
17
FB
Feedback. To set VOUT, connect the FB pin to the tap of an external resistor divider
connected between the output and AGND.
18
AGND
Signal ground. The AGND pin is not connected internally to the system ground. When
designing the PCB layout, ensure that AGND is connected to the system ground.
19
SS
Soft start. Connect a capacitor between the SS pin and AGND to set the soft-start time
(tSS) and to avoid start-up inrush current. SS has an internal 22nF capacitor (CSS).
20, 21
PG
Power good output. The PG pin is an open-drain
output. PG’s state changes if one of the
following protections is triggered: under-voltage protection (UVP), over-current protection
(OCP), or over-
temperature protection (OTP). PG’s state also changes if an over-voltage
(OV) condition occurs.
22
VIN
Supply voltage. The MPM3650 operates from a 2.75V to 17V input rail. Use a 0.1
μF input
capacitor (CIN) in a 0402 package to decouple the input rail. Use wide PCB traces to make
the connection.
ABSOLUTE MAXIMUM RATINGS (1)
VIN .................................................-0.3V to +20V
VSW…………………………………………………..
- 0.3V (-5V < 10ns) to VIN + 0.7V (23V < 10ns)
VBST ...................................................... VSW + 4V
VEN ................................................................. VIN
All other pins ...................................-0.3V to +4V
Continuous power dissipation (TA = 25°C) (2)
............................................................... 3.816W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +125°C
ESD Ratings
Human body model (HBM) .......................... 2kV
Charged device model (CDM).......................2kV
Recommended Operating Conditions (3)
Supply voltage (VIN) .......................2.75V to 17V
Output voltage (VOUT)………...............................
0.6V to VIN х DMAX or 12V maximum (4)
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance
θJA
θJC
EVM3650-QW-00A (5)
…...32.75….10.217..°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable continuous power dissipation on
the EVM3650-QW-00A evaluation board at any ambient
temperature is calculated by PD (MAX) = (TJ (MAX) - TA) / θJA.
Exceeding the maximum allowable power dissipation can
cause excessive die temperature, and the device may go into
thermal shutdown. Internal thermal shutdown circuitry protects
the device from permanent damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) The operation voltage after VOUT is regulated to a 0.6V or higher
voltage.
5) Measured on EVM3650-QW-00A, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com