Electronic Components Datasheet Search
  English  ▼

X  

MPM3650 Datasheet(PDF) 16 Page - MPS Industries, Inc.

Part # MPM3650
Description  2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3650 Datasheet(HTML) 16 Page - MPS Industries, Inc.

Back Button MPM3650 Datasheet HTML 12Page - MPS Industries, Inc. MPM3650 Datasheet HTML 13Page - MPS Industries, Inc. MPM3650 Datasheet HTML 14Page - MPS Industries, Inc. MPM3650 Datasheet HTML 15Page - MPS Industries, Inc. MPM3650 Datasheet HTML 16Page - MPS Industries, Inc. MPM3650 Datasheet HTML 17Page - MPS Industries, Inc. MPM3650 Datasheet HTML 18Page - MPS Industries, Inc. MPM3650 Datasheet HTML 19Page - MPS Industries, Inc. MPM3650 Datasheet HTML 20Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MPM3650
– 6A, 17V, 6A, 1.2MHz, STEP-DOWN POWER MODULE WITH DCM
MPM3650 Rev. 1.1
MonolithicPower.com
16
9/17/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider sets VOUT. First,
choose a value for R2. Too small of an R2 value
leads to considerable quiescent current (IQ) loss,
while too large an R2 value makes FB noise
sensitive. It is recommended that R2 be between
2
kΩ and 100kΩ. Typically, set the current
flowing through R2 below 250
μA to balance
system stability and minimize load loss. Then R1
can be calculated with Equation (2):
OUT
REF
REF
VV
R1
R2
V

(2)
Figure 5 shows the feedback circuit.
MPM3650
FB
R1
R2
VOUT
RT
CF
Figure 5: Feedback Network
Table 1 shows the recommended resistor values
for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1
(kΩ)
R2
(kΩ)
CF (pF)
RT
(Ω)
1
20
30
39
0
1.2
20
20
39
0
1.5
20
13
39
0
1.8
20
10
39
0
2.5
20
6.34
39
0
3.3
20
4.42
39
0
Selecting the Input Capacitor (CIN)
The step-down converter has a discontinuous
input current (IIN), and requires a capacitor to
supply the AC current to the converter while
maintaining the DC VIN. Ceramic capacitors are
recommended for the best performance, and
should be placed as close to the VIN pin as
possible. Capacitors with X5R and X7R ceramic
dielectrics are recommended for their stability
amid temperature fluctuations.
The capacitor should have a ripple current rating
greater than the converter
’s maximum input
ripple current. The input ripple current (ICIN) can
be estimated with Equation (3):
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
 
(3)
The worst-case scenario occurs at VIN = 2 x VOUT,
which can be calculated with Equation (4):
OUT
CIN
I
I
2
(4)
For simplification, choose CIN to have an RMS
current rating greater than half of the maximum
load current (ILOAD).
The
input
capacitance
determines
the
converter’s input voltage ripple (∆VIN). If the
system has an
∆VIN requirement, choose an
input
capacitor
that
meets
the
relevant
specifications.
∆VIN ripple can be estimated with Equation (5):
 
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
f
C
V
V
(5)
The worst-case scenario occurs at VIN = 2 x VOUT,
which can be calculated with Equation (6):
 
OUT
IN
SW
IN
I
1
V
4
f
C
(6)
Selecting the Output Capacitor (COUT)
The output capacitor (COUT) is required to
maintain the DC VOUT. Ceramic or POSCAP
capacitors
are
recommended.
The
output
voltage ripple (
∆VOUT) can be calculated with
Equation (7):
 
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
f
L
V
8 f
C
(7)
With
ceramic
capacitors,
the
capacitance
dominates the impedance at fSW, and causes
most of
∆VOUT.
For simplification,
∆VOUT can be calculated with
Equation (8):
 
 
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 f
L C
V
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com