Electronic Components Datasheet Search
  English  ▼

X  

MPM3650 Datasheet(PDF) 22 Page - MPS Industries, Inc.

Part # MPM3650
Description  2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3650 Datasheet(HTML) 22 Page - MPS Industries, Inc.

Back Button MPM3650 Datasheet HTML 14Page - MPS Industries, Inc. MPM3650 Datasheet HTML 15Page - MPS Industries, Inc. MPM3650 Datasheet HTML 16Page - MPS Industries, Inc. MPM3650 Datasheet HTML 17Page - MPS Industries, Inc. MPM3650 Datasheet HTML 18Page - MPS Industries, Inc. MPM3650 Datasheet HTML 19Page - MPS Industries, Inc. MPM3650 Datasheet HTML 20Page - MPS Industries, Inc. MPM3650 Datasheet HTML 21Page - MPS Industries, Inc. MPM3650 Datasheet HTML 22Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
MPM3650
– 6A, 17V, 6A, 1.2MHz, STEP-DOWN POWER MODULE WITH DCM
Notice: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third-party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MPM3650 Rev. 1.1
MonolithicPower.com
22
9/17/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
REVISION HISTORY
Revision #
Revision Date Description
Pages Updated
1.0
6/3/2020
Initial Release
-
1.1
9/17/2021
Updated the efficiency curve
1
Updated “–Z” to “-Z” in the Ordering Information and Carrier
Information sections
2, 20
Updated the symbols in the Electrical Characteristics section
4
Updated the Temperature vs. IOUT
curve titles to “Temperature
vs. Load Current”
6
Updated the step numbers in the PCB Layout Guidelines section
16
Updated the VIN and PGND pin numbers
17
–18
Updated page footer
21
Grammar and formatting updates; updated pagination; updated
page headers; added technical abbreviations and shorthand
(e.g. VOUT, VREF, CSS,
∆VIN, fSW, etc.); updated the EN resistor’s
pull-down resistance
All



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com