Electronic Components Datasheet Search
  English  ▼

X  

MPM3650 Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # MPM3650
Description  2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3650 Datasheet(HTML) 3 Page - MPS Industries, Inc.

  MPM3650 Datasheet HTML 1Page - MPS Industries, Inc. MPM3650 Datasheet HTML 2Page - MPS Industries, Inc. MPM3650 Datasheet HTML 3Page - MPS Industries, Inc. MPM3650 Datasheet HTML 4Page - MPS Industries, Inc. MPM3650 Datasheet HTML 5Page - MPS Industries, Inc. MPM3650 Datasheet HTML 6Page - MPS Industries, Inc. MPM3650 Datasheet HTML 7Page - MPS Industries, Inc. MPM3650 Datasheet HTML 8Page - MPS Industries, Inc. MPM3650 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MPM3650
– 6A, 17V, 6A, 1.2MHz, STEP-DOWN POWER MODULE WITH DCM
MPM3650 Rev. 1.1
MonolithicPower.com
3
9/17/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MPM3650GQW
QFN-24 (4mmx6mmx1.6mm)
See Below
3
* For Tape & Reel, add suffix -Z (e.g. MPM3650GQW-Z).
TOP MARKING
MPS: MPS prefix
Y: Year code
WW: Week code
MP3650: First six digits of the part number
LLLLLL: Lot number
M: Module
PACKAGE REFERENCE
TOP VIEW
SW
PACKAGE TOP VIEW
BST
EN
VIN
SW
PG
PGND
PGND
PGND
OUT
OUT
OUT
OUT
SW
24
10
11
PGND
PG
21
1
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
20
22
23
QFN-24 (4mmx6mmx1.6mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com