Electronic Components Datasheet Search
  English  ▼

X  

MPM3650 Datasheet(PDF) 14 Page - MPS Industries, Inc.

Part # MPM3650
Description  2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3650 Datasheet(HTML) 14 Page - MPS Industries, Inc.

Back Button MPM3650 Datasheet HTML 10Page - MPS Industries, Inc. MPM3650 Datasheet HTML 11Page - MPS Industries, Inc. MPM3650 Datasheet HTML 12Page - MPS Industries, Inc. MPM3650 Datasheet HTML 13Page - MPS Industries, Inc. MPM3650 Datasheet HTML 14Page - MPS Industries, Inc. MPM3650 Datasheet HTML 15Page - MPS Industries, Inc. MPM3650 Datasheet HTML 16Page - MPS Industries, Inc. MPM3650 Datasheet HTML 17Page - MPS Industries, Inc. MPM3650 Datasheet HTML 18Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MPM3650
– 6A, 17V, 6A, 1.2MHz, STEP-DOWN POWER MODULE WITH DCM
MPM3650 Rev. 1.1
MonolithicPower.com
14
9/17/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Once VIN exceeds the UVLO rising threshold, the
MPM3650 starts up. If VIN drops below the UVLO
falling threshold, the device shuts. UVLO is a
non-latch protection.
Soft Start (SS)
The MPM3650 employs soft start (SS) to ensure
that the output ramps up smoothly during start-
up. If the EN pin goes high, an internal current
source (6
μA) charges the SS capacitor (CSS). As
the device starts up, the SS voltage (VSS) takes
over VREF to the PWM comparator. VOUT ramps
up smoothly with VSS. Once VSS exceeds VREF,
VSS continues to ramp up until VREF takes over.
Then SS finishes, and the device enters steady
state operation. The SS capacitance (CSS) can
be calculated with Equation (1):
 SS
SS
SS
REF
t
(ms) I (
μA)
C (nF)
0.83
V
(V)
(1)
It is recommended that CSS be an internal 22nF
capacitor. If the output capacitor (COUT) has a
large capacitance, it is not recommended to set
the soft-start time (tSS) too short, or else the
device could too easily reach the current limit
during SS.
Power Good (PG) Indicator
The PG pin is the open drain of a MOSFET that
connects to VCC or a voltage source via a
resistor (e.g. 100k
Ω). If VIN is applied and the PG
pin is pulled to PGND before SS completes, then
the MOSFET turns on. Once VFB reaches 90% of
VREF, PG is pulled high after a 50μs delay. Once
VFB drops below 80% of VREF, PG is pulled low.
If UVLO or over-temperature protection (OTP)
occurs, PG is pulled low. If an over-current (OC)
condition occurs and VFB drops below 80% of
VREF, PG is pulled low after a 0.05ms delay. If an
over-voltage (OV) condition occurs and VFB
exceeds 120% of VREF, PG is pulled low after a
0.05ms delay. If VFB drops below 110% of VREF,
PG is pulled high after a 0.05ms delay.
If the input supply fails to power the MPM3650,
PG is clamped low, even if PG is tied to an
external DC source via a pull-up resistor. Figure
4 shows the relationship between the PG voltage
(VPG) and the pull-up current.
Figure 4: Clamped VPG vs. Pull-Up Current
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
The MPM3650 offers valley limit control. The
LS-FET monitors the current flowing through
itself. The HS-FET waits until the valley current
limit is not triggered before turning on again. VOUT
decreases until VFB drops below the under-
voltage (UV) threshold (typically 50% below
VREF). Once a UV fault occurs, the MPM3650
enters hiccup mode to periodically restart the
part.
During over-current protection (OCP), the device
tries to recover from the OC fault using hiccup
mode. The MPM3650 disables the output power
stage, discharges CSS, and initiates a SS. If the
OC condition remains after SS is complete, the
device repeats this operation until the OC
condition disappears, and the output rises back
to its regulation level. OCP is a non-latch
protection.
Pre-Biased Start-Up
The MPM3650 is designed for monotonic start-
up into pre-biased loads. If the output is pre-
biased to a certain voltage during start-up, and
the bootstrap (BST) voltage (VBST) is refreshed
and charged, then the VSS is also charged. If VBST
exceeds its rising threshold and VSS exceeds the
sensed VOUT at the FB pin, the part resumes
normal operation.
0
0.2
0.4
0.6
0.8
1
1.2
0
1
2
3
4
5
PULL-UP CURRENT (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com