Electronic Components Datasheet Search
  English  ▼

X  

MPM3650 Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MPM3650
Description  2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3650 Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MPM3650 Datasheet HTML 1Page - MPS Industries, Inc. MPM3650 Datasheet HTML 2Page - MPS Industries, Inc. MPM3650 Datasheet HTML 3Page - MPS Industries, Inc. MPM3650 Datasheet HTML 4Page - MPS Industries, Inc. MPM3650 Datasheet HTML 5Page - MPS Industries, Inc. MPM3650 Datasheet HTML 6Page - MPS Industries, Inc. MPM3650 Datasheet HTML 7Page - MPS Industries, Inc. MPM3650 Datasheet HTML 8Page - MPS Industries, Inc. MPM3650 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MPM3650
– 6A, 17V, 6A, 1.2MHz, STEP-DOWN POWER MODULE WITH DCM
MPM3650 Rev. 1.1
MonolithicPower.com
5
9/17/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ = -40°C to +125°C (6), typical values are tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input voltage
VIN
2.75
17
V
Supply Current
Shutdown current
ISD
VEN = 0V
2
5
µA
Quiescent current
IQ
VEN = 2V, VFB = 0.65V
100
150
µA
MOSFET
Switch leakage
ISW_LKG
VEN = 0V, VSW = 7V
5
µA
Current Limit
Valley current limit
ILIMIT_VALLEY
6
7
A
Short hiccup duty cycle (7)
DHICCUP
10
%
Switching Frequency and Minimum On/Off Timer
Switching frequency
fSW
0.9
1.2
1.6
MHz
Minimum on time (7)
tON_MIN
50
ns
Minimum off time (7)
tOFF_MIN
100
ns
Reference and Soft Start (SS)
Feedback (FB) voltage
VFB
TJ = 25°C
594
600
606
mV
TJ = -40°C to +125°C
591
600
609
mV
FB current
IFB
VFB = 700mV
10
50
nA
Soft-start current
ISS
4
6
8
µA
Enable (EN) and Under-Voltage Lockout (UVLO)
EN rising threshold
VEN_RISING
1.19
1.23
1.27
V
EN falling threshold
VEN_FALLING
0.96
1
1.04
V
EN pull-down resistor
REN_PD
1.2
MΩ
VCC
VCC UVLO rising threshold
VCC_UVLO_RISING
2.4
2.5
2.6
V
VCC UVLO threshold
hysteresis
VCC_UVLO_HYS
200
mV
VCC regulator voltage
VCC
VIN = 5V
3.5
V
VCC load regulation
REGVCC
ICC = 5mA
3
%
Power Good (PG)
PG under-voltage (UV)
rising threshold
VPG_UV_RISING
0.85
0.9
0.95
VFB
PG UV falling threshold
VPG_UV_FALLING
0.75
0.8
0.85
VFB
PG over-voltage (OV) rising
threshold
VPG_OV_RISING
1.15
1.2
1.25
VFB
PG OV falling threshold
VPG_OV_FALLING
1.05
1.1
1.15
VFB
PG delay
tDELAY_PG
Both edges
50
µs
PG sink current capability
VPG_SINK
4mA sink
0.4
V
PG leakage current
IPG_LEAK
VPG = 5V
10
μA
Thermal Protection
Thermal shutdown (7)
TSD
150
°C
Thermal hysteresis (7)
TSD_HYS
20
°C
Notes:
6) Not tested in production. Guaranteed by over-temperature correlation.
7) Guaranteed by design and characterization testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com