Electronic Components Datasheet Search
  English  ▼

X  

MPM3650 Datasheet(PDF) 18 Page - MPS Industries, Inc.

Part # MPM3650
Description  2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3650 Datasheet(HTML) 18 Page - MPS Industries, Inc.

Back Button MPM3650 Datasheet HTML 14Page - MPS Industries, Inc. MPM3650 Datasheet HTML 15Page - MPS Industries, Inc. MPM3650 Datasheet HTML 16Page - MPS Industries, Inc. MPM3650 Datasheet HTML 17Page - MPS Industries, Inc. MPM3650 Datasheet HTML 18Page - MPS Industries, Inc. MPM3650 Datasheet HTML 19Page - MPS Industries, Inc. MPM3650 Datasheet HTML 20Page - MPS Industries, Inc. MPM3650 Datasheet HTML 21Page - MPS Industries, Inc. MPM3650 Datasheet HTML 22Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MPM3650
– 6A, 17V, 6A, 1.2MHz, STEP-DOWN POWER MODULE WITH DCM
MPM3650 Rev. 1.1
MonolithicPower.com
18
9/17/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
22
μF x 2
C1
499k
Ω
R1
100k
Ω
R4
1
μF
AGND
AGND
22
μF x 4
C3
20k
Ω
R3
30k
Ω
R5
AGND
39pF
C9
AGND
GND
NS
R2
GND
0
Ω
R6
0
Ω
R7
0.1
μF
C4
0.1
μF
C2
VOUT = 1V
VCC
SW
OUT
PGND
EN
FB
SS
PG
MPM3650
VIN =
2.75V to 17V
GND
9, 10,
11, 12
16
1, 2, 3,
4, 5, 24
6
20, 21
19
17
7, 8,13,
14, 23
C5 (optional)
Figure 7: Typical Application Circuit (1V Output)
22
μF x 2
C1
499k
Ω
R1
100k
Ω
R4
1
μF
AGND
AGND
22
μF x 4
C3
20k
Ω
R3
10k
Ω
R5
AGND
39pF
C9
AGND
GND
NS
R2
GND
0
Ω
R6
0
Ω
R7
0.1
μF
C4
0.1
μF
C2
VOUT = 1.8V
VCC
SW
OUT
PGND
EN
FB
SS
PG
MPM3650
VIN =
2.75V to 17V
GND
9, 10,
11, 12
16
1-5, 24
6
20, 21
19
17
7, 8, 13,
14, 23
C5 (optional)
Figure 8: Typical Application Circuit (1.8V Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com