Electronic Components Datasheet Search
  English  ▼

X  

ES9080 Datasheet(PDF) 114 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 114 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 110Page - ESS Technology,Inc ES9080 Datasheet HTML 111Page - ESS Technology,Inc ES9080 Datasheet HTML 112Page - ESS Technology,Inc ES9080 Datasheet HTML 113Page - ESS Technology,Inc ES9080 Datasheet HTML 114Page - ESS Technology,Inc ES9080 Datasheet HTML 115Page - ESS Technology,Inc ES9080 Datasheet HTML 116Page - ESS Technology,Inc ES9080 Datasheet HTML 117Page - ESS Technology,Inc ES9080 Datasheet HTML 118Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
114
Register 202-200: PLL REGISTER7
Bits
[23]
[22]
[21]
[20]
[19]
[18:10]
[9:1]
[0]
Default
1'b0 1'b0 1'b0 1'b0 1'b0 9'd0
9'd0
1'b0
Bits
Mnemonic
Description
[23]
PLL_REG_PDB_HV
Power Down the HV regulator.
•
1'd0: Disable the PLL HV-regulator
•
1'd1: Enable the PLL HV-regulator
[22]
PLL_REG_PDB_1V2
Power Down the 1V2 regulator.
•
1'd0: Disable the PLL 1V2-regulator
•
1'd1: Enable the PLL 1V2-regulator
[21:20]
RESERVED
NA
[19]
PLL_LOW_BW
Adjust the PLL Bandwidth
•
1’b0: Default
•
1’b1: Normal operation, optimum setting
[18:10]
PLL_CLK_OUT_DIV
Sets the Output Division (No) of the PLL.
•
9’d0: Reserved
•
9’d1: Divide by 1 (Normal Starting value)
•
9’d2: Divide by 2
•
9’dn: Divide by n
[9:1]
PLL_CLK_IN_DIV
Sets the PLL clock input divider.
•
9'd0: Reserved
•
9'd1: Divide by 1 (Normal Starting value)
•
9'd2: Divide by 2
•
9'dn: Divide by n
[0]
PLL_FB_DIV_LOAD
Load PLL_CLK_FB_DIV
Write 1 then write 0 to load CLK_FB_DIV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com