Electronic Components Datasheet Search
  English  ▼

X  

TLK1221 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1221
Description  ETHERNET TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1221 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK1221 Datasheet HTML 6Page - Texas Instruments TLK1221 Datasheet HTML 7Page - Texas Instruments TLK1221 Datasheet HTML 8Page - Texas Instruments TLK1221 Datasheet HTML 9Page - Texas Instruments TLK1221 Datasheet HTML 10Page - Texas Instruments TLK1221 Datasheet HTML 11Page - Texas Instruments TLK1221 Datasheet HTML 12Page - Texas Instruments TLK1221 Datasheet HTML 13Page - Texas Instruments TLK1221 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
CL
5pF
CL
5pF
50 W
50 W
t
r
t
f
CLOCK
80%
50%
20%
t
r
t
f
2V
0.8V
DATA
1.4V
LVTTL OUTPUT SWITCHING CHARACTERISTICS
TRANSMITTER TIMING REQUIREMENTS
TLK1221
SLLS713 – FEBRUARY 2007
Figure 8. Transmitter Test Setup
Figure 9. TTL Data I/O Valid Levels for AC Measurement
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr(RBC)
Clock rise time
0.3
1.5
ns
tf(RBC)
Clock fall time
0.3
1.5
ns
80% to 20% output voltage, C = 5 pF (see
Figure 9)
tr
Data rise time
0.3
1.5
ns
tf
Data fall time
0.3
1.5
ns
TBI normal mode (see Figure 3), Rω = 125 MHz,
2.5
ns
data valid prior to RBC0 rising
Data setup time
tsu(d1)
(RD0–RD9)
TBI normal mode (see Figure 3), Rω= 61.44
5
ns
MHz, data valid prior to RBC0 rising
TBI normal mode (see Figure 3), Rω = 125 MHz,
2
ns
data valid after RBC0 rising
th(d1)
Data hold time (RD0–RD9)
TBI normal mode (see Figure 3), Rω = 61.44
4
ns
MHz, data valid after RBC0 rising
Data setup time
TBI half-rate mode, Rω = 125 MHz (see
tsu(d3)
2.5
ns
(RD0–RD9)
Figure 2)
TBI half-rate mode, Rω = 125 MHz (see
th(d3)
Data hold time (RD0–RD9)
1.5
ns
Figure 2)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsu(d4)
Data setup time (TD0–TD9)
1.6
ns
th(d4)
Data hold time (TD0–TD9)
0.8
ns
tr, tf
TD[0,9] data rise and fall time
See Figure 9
2
ns
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com