Electronic Components Datasheet Search
  English  ▼

X  

TLK1221 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1221
Description  ETHERNET TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1221 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLK1221 Datasheet HTML 10Page - Texas Instruments TLK1221 Datasheet HTML 11Page - Texas Instruments TLK1221 Datasheet HTML 12Page - Texas Instruments TLK1221 Datasheet HTML 13Page - Texas Instruments TLK1221 Datasheet HTML 14Page - Texas Instruments TLK1221 Datasheet HTML 15Page - Texas Instruments TLK1221 Datasheet HTML 16Page - Texas Instruments TLK1221 Datasheet HTML 17Page - Texas Instruments TLK1221 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.ti.com
GNDQFN
GNDA
TD0–TD9
REFCLK
PRBSEN
14
31
SYNCEN
32
SYNC/PASS
30
10
10
RD0–RD9
2
RBC0–RBC1
ENABLE
1
LOOPEN
RCBMODE
15
13
Host
Protocol
Device
VDD
VDDA
2.5V
VDDPLL
GNDA
5
at100MHz
W
2.5V
40
38
Controlled-Impedance
TransmissionLine
TXP
39
Controlled-Impedance
TransmissionLine
TXN
34
Controlled-Impedance
TransmissionLine
RXP
33
Controlled-Impedance
TransmissionLine
RXN
Rt
Rt
50 W
50 W
TLK1221
0.01µF
TLK1221
SLLS713 – FEBRUARY 2007
APPLICATION INFORMATION (continued)
Figure 12. Typical Application Circuit (AC Mode)
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com