Electronic Components Datasheet Search
  English  ▼

X  

TLK1221 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1221
Description  ETHERNET TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1221 Datasheet(HTML) 2 Page - Texas Instruments

  TLK1221 Datasheet HTML 1Page - Texas Instruments TLK1221 Datasheet HTML 2Page - Texas Instruments TLK1221 Datasheet HTML 3Page - Texas Instruments TLK1221 Datasheet HTML 4Page - Texas Instruments TLK1221 Datasheet HTML 5Page - Texas Instruments TLK1221 Datasheet HTML 6Page - Texas Instruments TLK1221 Datasheet HTML 7Page - Texas Instruments TLK1221 Datasheet HTML 8Page - Texas Instruments TLK1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
Differences Between TLK2201B, TLK2201BI, TLK1221, and TNETE2201
2:1
MUX
PRBS
Generator
10Bit
Registers
TD(0–9)
PRBSEN
LOOPEN
Parallelto
Serial
PhaseGenerator
Clock
REFCLK
Control
Logic
ENABLE
Interpolator
and
ClockExtraction
PRBS
Verification
SerialtoParallel
and
CommaDetect
Clock
RBC1
RBC0
SYNC/PASS
RD(0–9)
SYNCEN
2:1
MUX
2:1
MUX
Clock
Data
TXP
TXN
RXP
RXN
RBCMODE
TLK1221
SLLS713 – FEBRUARY 2007
The TLK1221 is housed in a high-performance, thermally enhanced, 40-pin QFN package. Use of this package
does not require any special considerations except to note that the pad, which is an exposed die pad on the
bottom of the device, is a metallic thermal and electrical conductor. It is required that the TLK1221 pad be
soldered to the thermal land on the board as it serves as the main ground connection for the device.
The TLK1221 is characterized for operation from –40
°C to 85°C.
This device uses a 2.5-V supply. The I/O section is 3.3-V compatible. With the 2.5-V supply, the chipset is very
power-efficient, dissipating less than 200 mW typical power when operating at 1.25 Gbps.
The TLK1221 is designed to be hot-plug capable. A power-on reset causes RBC0, RBC1, the parallel output
signal terminals, TXP, and TXN to be held in the high-impedance state.
The TLK1221 is the functional equivalent of the TNETE2201. There are several differences between the devices
as noted below. Refer to Figure 12 in the application information section for an example of a typical application
circuit.
• V
CC is 2.5 V for the TLK2201B, TLK2201BI, TLK1221, and TLK1201A vs 3.3 V for TNETE2201.
• The PLL filter capacitors on pins 16, 17, 48, and 49 of the TNETE2201 are no longer required. The
TLK2201B, TLK2201BI, TLK1221, and TLK1201A use these pins to provide added test capabilities. The
capacitors, if present, do not affect the operation of the device.
• No pulldown resistors are required on the TXP/TXN outputs.
• The TLK1221 is a QFN version of the TLK2201B optimized for GBE-only TBI-mode operation with no JTAG
functionality.
Functional Block Diagram
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com